Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4524SETRT Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC4524SETRT
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524SETRT Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC4524SETRT Datasheet HTML 13Page - Semtech Corporation SC4524SETRT Datasheet HTML 14Page - Semtech Corporation SC4524SETRT Datasheet HTML 15Page - Semtech Corporation SC4524SETRT Datasheet HTML 16Page - Semtech Corporation SC4524SETRT Datasheet HTML 17Page - Semtech Corporation SC4524SETRT Datasheet HTML 18Page - Semtech Corporation SC4524SETRT Datasheet HTML 19Page - Semtech Corporation SC4524SETRT Datasheet HTML 20Page - Semtech Corporation SC4524SETRT Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
ã 2006 Semtech Corp.
www.semtech.com
SC4524
POWER MANAGEMENT
Applications Information



S
&
5

-
=
w
In addition C
5 and R5 form a zero with angular frequency:



=
&
5

-
=
w
The
output-to-control
transfer
function
287
)%
)%
&203
287
&203
Y
Y
Y
Y
Y
Y
¼
=
is also shown in Figure 11. Its mid-
band gain (between z
1 and p3) is
ÜÜÝ
Û
ÌÌÍ
Ë
+ 



0$
5
5
5
5
*
. The
overall loop gain T(s) is the product of the control-to-
output and the output-to-control transfer functions. To
simplify
M
7 w Bode plot, the feedback network is
assumed to be resistive. If the overall loop gain is to
cross 0dB at one tenth of the switching frequency
(

I

6
&
p
=
w
=
w
) at –20dB/decade, then its mid-band gain
(between z
1 and p2) will be
Q

5
&
5
&
Q

287

6
287

6

S
&
w
=
w
=
w
w
This is also equal to
ÜÜÝ
Û
ÌÌÍ
Ë
+ 



0$
287
03
5
5
5
5
*
5
*
. Therefore
Q

5
&
5
5
5
5
*
5
*
287

6




0$
287
03
w
=
ÜÜÝ
Û
ÌÌÍ
Ë
+
.
Re-arranging,
0$
03

6



*
Q*

&
5
5

5
w
ÜÜÝ
Û
ÌÌÍ
Ë
+
=
(11)
w
z1 is shown to be less than wp2 in Figure 11. Making


6
&

]
w
=
w
=
w
gives a first-order estimate of C
5:

6

5

&
w
 
(12)
Notice that R
5 determines the mid-band loop gain of the
converter. Increasing R
5 increases the mid-band gain and
the crossover frequency. However it reduces the phase
margin. C
6 is a small ceramic capacitor to roll off the
loop gain at high frequency. Placing p
3 at about

6
w
gives:


I5

&
p
 
(13)
Computed R
5, C5 and C6 can indeed result in near optimal
load transient responses in over half of the applications.
However in other cases empirically determined
compensation networks based on optimized load
transient responses may differ from those calculated by
a factor of 3. Therefore checking the transient response
of the converter is imperative. Starting with calculated
R
5, C5 and C6 (using n=1 in Equations (11)-(13)), apply
the largest expected load step to the converter at the
maximum operating V
IN. Observe the load transient
response of the converter while adjusting R
5, C5 and C6.
Choose the largest R
5, the smallest C5 and C6 so that
the inductor current waveform does not show excessive
ringing or overshoot.
Feedforward capacitor C
11 boosts phase margin over a
limited frequency range and is sometimes used to
improve loop response. C
11 will be more effective if



5
5
5
ÔÏ
>>
.
Example: Determine the compensation components for
the 550kHz 12V to 3.3V converter in Figure 13(a).
For the converter,

6
0UDGV



-
=
w
,
$

,
0$;
287
=
and
)

&
m
=
. n is assumed to be 1 in (11) and (12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com