Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4524SETRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4524SETRT
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524SETRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4524SETRT Datasheet HTML 7Page - Semtech Corporation SC4524SETRT Datasheet HTML 8Page - Semtech Corporation SC4524SETRT Datasheet HTML 9Page - Semtech Corporation SC4524SETRT Datasheet HTML 10Page - Semtech Corporation SC4524SETRT Datasheet HTML 11Page - Semtech Corporation SC4524SETRT Datasheet HTML 12Page - Semtech Corporation SC4524SETRT Datasheet HTML 13Page - Semtech Corporation SC4524SETRT Datasheet HTML 14Page - Semtech Corporation SC4524SETRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
ã 2006 Semtech Corp.
www.semtech.com
SC4524
POWER MANAGEMENT
duty-cycle invariant and are guaranteed higher than 2.3A.
The maximum load current is therefore conservatively

,
$




,
,
,
/
/
/0
0$;
287
D
-
=
D
-
=
(5)
If
/0
/
,



,
¼
=
D
, then
/0
/0
/0
/
/0
0$;
287
,




,



,

,
,
,
¼
=
-
=
D
-
=
.
The saturation current of the inductor should be 20-30%
higher than the peak current limit (2.3A). Low-cost
powder iron cores are not suitable for high-frequency
switching power supplies due to their high core losses.
Inductors with ferrite cores should be used.
Power Line Input Capacitor
A buck converter draws pulse current with peak-to-peak
amplitude equal to its output current I
OUT from its input
supply. An input capacitor placed between the supply
and the buck converter filters the AC current and keeps
the current drawn from the supply to a DC constant. The
input capacitance C
IN should be high enough to filter the
pulse input current. Its equivalent series resistance (ESR)
should be low so that power dissipated in the capacitor
does not result in significant temperature rise and
degrade reliability. For a buck converter, the RMS ripple
current in the input capacitor is
'

'
,
,
287
506
&,1
-
=
.
(6)
Power dissipated in the input capacitor is
(65
,506
&,1
¼
.
Equation (6) has a maximum value of

,287
( at


' = ),
corresponding to the worst-case power dissipation

(65
,287 ¼
in C
IN.
Multi-layer ceramic capacitors, which have very low ESR
(a few mW) and can easily handle high RMS ripple current,
are the ideal choice for input filtering. A single 4.7mF or
Applications Information
10mF X5R ceramic capacitor is adequate. For high voltage
applications, a small ceramic (1mF or 2.2mF) can be
placed in parallel with a low ESR electrolytic capacitor to
satisfy both the ESR and bulk capacitance requirements.
Output Capacitor
The output ripple voltage DV
OUT of a buck converter can
be expressed as
ÜÜÝ
Û
ÌÌÍ
Ë
+
D
=
D
287
/
287
I&


(65
,
9
(7)
where C
OUT is the output capacitance.
Inductor ripple current DI
L increases as D decreases
(Equation (3)). The output ripple voltage is therefore the
highest when V
IN is at its maximum. The first term in (7)
results from the ESR of the output capacitor while the
second term is due to the charging and discharging of
C
OUT by the inductor ripple current. Substituting DIL =
0.69A, f = 500kHz and C
OUT = 22mF ceramic with ESR =
2mW in (7),
P9



P9



P9



P



P

$



9287
=
+
=
W
+
W
¼
=
D
Depending on operating frequency and the type of
capacitor, ripple voltage resulting from charging and
discharging of C
OUT may be higer than that due to ESR. A
10mF to 47mF X5R ceramic capacitor is found adequate
for output filtering in most applications. Ripple current
in the output capacitor is not a concern because the
inductor current of a buck converter directly feeds C
OUT,
resulting in very low ripple current. Avoid using Z5U and
Y5V ceramic capacitors for output filtering because these
types of capacitors have high temperature and high
voltage coefficients.
Freewheeling Diode
Use of Schottky barrier diodes as freewheeling rectifiers
reduces diode reverse recovery input current spikes,
easing high-side current sensing in the SC4524. These
diodes should have an average forward current rating
between 1A and 2A and a reverse blocking voltage of at
least a few volts higher than the input voltage. For
switching regulators operating at low duty cycles (i.e. low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com