Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4524SETRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4524SETRT
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524SETRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC4524SETRT Datasheet HTML 1Page - Semtech Corporation SC4524SETRT Datasheet HTML 2Page - Semtech Corporation SC4524SETRT Datasheet HTML 3Page - Semtech Corporation SC4524SETRT Datasheet HTML 4Page - Semtech Corporation SC4524SETRT Datasheet HTML 5Page - Semtech Corporation SC4524SETRT Datasheet HTML 6Page - Semtech Corporation SC4524SETRT Datasheet HTML 7Page - Semtech Corporation SC4524SETRT Datasheet HTML 8Page - Semtech Corporation SC4524SETRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
www.semtech.com
SC4524
Programmable Frequency, 2A Output
30V Step-Down Switching Regulator
POWER MANAGEMENT
Revision: December 30th, 2006
Description
Features
Applications
Typical Application Circuit
u Up to 1.5 MHz Programmable Switching Frequency
u 2.3A Integrated Switch
u Wide Input Voltage Range 2.8V to 30V
u Peak Current-Mode Control with Cycle-by-Cycle
Current Limiting
u Hiccup Overload Protection
u Soft-Start and Enable
u Thermal Shutdown
u Thermally Enhanced 8-Pin SOIC Package
u Fully WEEE and RoHS Compliant
The SC4524 is an adjustable frequency peak current-
mode step-down switching regulator with an integrated
2.3A, 30V switch. The SC4524 can be programmed up
to 1.5MHz. This allows the use of small inductor and
ceramic capacitors, resulting in very compact power
supplies. The SC4524 is suitable for next generation XDSL
modems, set-top boxes and point of load applications.
The SC4524 uses peak current-mode PWM control for
ease of compensation. Cycle-by-cycle current limit and
hiccup overload protection reduce power dissipation
during overload. Combined soft start and enable pin not
only eliminates output start up overshoot but also allows
power sequencing.
The SC4524 is available in SOIC-8 EDP package.
u XDSL and Cable Modems
u Set-top Boxes
u Point of Load Applications
u CPE Equipment
u DSP Power Supplies
u Disk Drives
SC4524
GND
IN
SW
BST
L1
4.7
mH
C2
0.1
mF
SS
COMP
FB
D2
20BQ030
5.49k
R2
R1
22.1k
22nF
C6
22pF
R5
15.4k
C5
470pF
L1: Coiltronics FP3-4R7
OUT
5V/2A
D1
1N4148
24V
ROSC
C1: Murata GRM21BR60J226M
C3
10
mF
17.4k
R3
C7
C3: Murata GRM32ER71H106K
V IN
C1
22
mF
Efficiency
50
55
60
65
70
75
80
85
90
0.0
0.5
1.0
1.5
2.0
Load Current (A)
Figure 1. 1MHz 24V to 5V/2A Step-down Converter.


Similar Part No. - SC4524SETRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
SC4524A SEMTECH-SC4524A Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
SC4524AEVB SEMTECH-SC4524AEVB Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
SC4524AEVB SEMTECH-SC4524AEVB Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
SC4524ASETRT SEMTECH-SC4524ASETRT Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
More results

Similar Description - SC4524SETRT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Semtech Corporation
SC2620 SEMTECH-SC2620 Datasheet
586Kb / 26P
Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC2620 SEMTECH-SC2620_08 Datasheet
536Kb / 26P
Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
18V 2A Step-Down Switching Regulator 2A Output Current
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
30V, 300mA Output Micropower Step-Down Switching Regulator
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
logo
Shenzhen Huazhimei Semi...
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
30V 2A Synchronous Step-Down Regulator
HM8114 HMSEMI-HM8114 Datasheet
1Mb / 7P
30V 2A 500KHz Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com