Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4524SETRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC4524SETRT
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524SETRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC4524SETRT Datasheet HTML 13Page - Semtech Corporation SC4524SETRT Datasheet HTML 14Page - Semtech Corporation SC4524SETRT Datasheet HTML 15Page - Semtech Corporation SC4524SETRT Datasheet HTML 16Page - Semtech Corporation SC4524SETRT Datasheet HTML 17Page - Semtech Corporation SC4524SETRT Datasheet HTML 18Page - Semtech Corporation SC4524SETRT Datasheet HTML 19Page - Semtech Corporation SC4524SETRT Datasheet HTML 20Page - Semtech Corporation SC4524SETRT Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
© 2006 Semtech Corp.
www.semtech.com
SC4524
POWER MANAGEMENT
Applications Information
POWER
STAGE
GMP = 8
Ω
REFERENCE
VOLTAGE
1V
+
-
R5
C5
C6
RO
R2
R1
FB
C11
ESR
C1
ROUT
VOUT
V
IN
I
OUT
-1
GMA =
280
µΩ
-1
COMP
V
1.6M
Ω
Figure 10. Simplified Control Loop Equivalent Circuit
Bode Plots of Control-to-Ouput, Output-to-Control and the Overall Loop
Gain. Control-to-output transfer function is shown with two poles near
half the switching frequency
ω
S.
Figure 11.
2
p
ω
1
OUT C
R
n
5
OC
R
1
1
p
ω
3
p
ω
6
5C
R
1
5
5C
R
1
1
Z
ω
C
ω
ω
Gain
2
S
ω
OUT
MPR
G


+
2
1
2
O
MA
R
R
R
R
G


+
2
1
2
5
MA
R
R
R
R
G
n
R
C
OUT
1
C
ω
)
j
(
T
ω
OUT
COMP
v
v
Control-to-Output
Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com