Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4524SETRT Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC4524SETRT
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524SETRT Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC4524SETRT Datasheet HTML 13Page - Semtech Corporation SC4524SETRT Datasheet HTML 14Page - Semtech Corporation SC4524SETRT Datasheet HTML 15Page - Semtech Corporation SC4524SETRT Datasheet HTML 16Page - Semtech Corporation SC4524SETRT Datasheet HTML 17Page - Semtech Corporation SC4524SETRT Datasheet HTML 18Page - Semtech Corporation SC4524SETRT Datasheet HTML 19Page - Semtech Corporation SC4524SETRT Datasheet HTML 20Page - Semtech Corporation SC4524SETRT Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
ã 2006 Semtech Corp.
www.semtech.com
SC4524
POWER MANAGEMENT
Applications Information
W
=
™
¼
¼
¼
™
¼
™
ÜÜÝ
Û
ÌÌÍ
Ë
+
=
-
-
N
















N

N




5




Q)








N




&


=
™
¼
p
¼
 
S)








&



 
™
¼
™
¼
p
 
Bench measurement shows that compensation
components computed from our simplified linear model
give very good load transient response for the converter.
Board Layout Considerations
In a step-down switching regulator, the input bypass
capacitor, the main power switch and the freewheeling
diode carry discontinuous currents with high GW
GL
(Figure
12). For jitter-free operation, the size of the loop formed
by these components should be minimized. Since the
power switches are already integrated within the SC4524,
connecting the anodes of both freewheeling diodes close
to the negative terminal of the input bypass capacitor
minimizes size of the switched current loop. The input
bypass capacitors should be placed close to the VIN pin.
Shortening the traces of the SW and BST nodes reduces
the parasitic trace inductance at these nodes. This not
only reduces EMI but also decreases switching voltage
spikes at these nodes.
The exposed pad should be soldered to a large analog
ground plane as the analog ground copper acts as a heat
sink for the device. To ensure proper adhesion to the
ground plane, avoid using vias directly under the device.
,1
9
287
9
/
=
Fast Switching Current Paths in a Buck
Regulator. Minimize the size of this loop
to reduce parasitic trace inductance.
Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com