Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4524SETRT Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC4524SETRT
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524SETRT Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC4524SETRT Datasheet HTML 13Page - Semtech Corporation SC4524SETRT Datasheet HTML 14Page - Semtech Corporation SC4524SETRT Datasheet HTML 15Page - Semtech Corporation SC4524SETRT Datasheet HTML 16Page - Semtech Corporation SC4524SETRT Datasheet HTML 17Page - Semtech Corporation SC4524SETRT Datasheet HTML 18Page - Semtech Corporation SC4524SETRT Datasheet HTML 19Page - Semtech Corporation SC4524SETRT Datasheet HTML 20Page - Semtech Corporation SC4524SETRT Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
ã 2006 Semtech Corp.
www.semtech.com
SC4524
POWER MANAGEMENT
Figure 13(a). 550kHz 12V to 3.3V/2A step down converter.
Typical Application Circuit
(IILFLHQF\














G‚hqÃ8ˆ……r‡Ã6
@
ss
vp
vr
p
’Ã
È

G‚hqÃ8uh…hp‡r…v†‡vp















G‚hqÃ8ˆ……r‡Ã6
W
‚Ã
W

G‚hqÃ8uh…hp‡r…v†‡vp















G‚hqÃ8ˆ……r‡Ã6
W
‚Ã
W

Figure 13(b). Load characteristic.
Figure 13(c). 12VIN start-up transient at 2A load.
Figure 13(d). 0.5A to 2A step load transient response.
6&
BI9
DI
TX
7TU
G
""mC
8!
 mA
TT
8PHQ
A7
9!
!7R"
($"x
S!
S
!! x
!!A
8%
#&ƒA
S$
"x
8$
$A
G )Ã8‚vy‡…‚vp†ÃAQ""S"
PVU
""W!6
9
I# #'
!W
SPT8
8 )ÃHˆ…h‡hÃBSH! 7S%E!!%H
8"
mA
"&#x
S"
8&
8")ÃHˆ…h‡hÃBSH"!9S% @ %F
W DI
8
!!mA
T‡rƒÃG‚hqÃ8ˆ……r‡Ã$69DW
""WÃPˆ‡ƒˆ‡ÃSr†ƒ‚†rÃ$€W9DW
Y2#ˆ†9DW
""WÃPˆ‡ƒˆ‡Ã!W9DW
!WÃDƒˆ‡Ã$W9DW
TTÃQvÃW ‚y‡htrà W9DW
Y2#۠9DW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com