Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1005FUD2/HAP Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SL3S1005FUD2/HAP
Description  The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1005FUD2/HAP Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SL3S1005FUD2/HAP Datasheet HTML 14Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 15Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 16Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 17Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 18Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 19Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 20Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 21Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
NXP Semiconductors
SL3S1005
UCODE 9xm
9.6.3 Untraceable
The EPC Gen2v2.1 Untraceable command allows the UCODE 9xm to hide the complete or parts of the EPC,
TID and/or user memory. In addition, the read range can be completely or temporarily reduced.
This command can only be executed from the secured state.
Memory parts which are set untraceable are acting as non-existing.
EPC-field:
Specifies the number of words of the EPC memory which the UCODE 9xm back scatters. A change of this field
therefore also changes the L bit in the Protocol Control (PC) word.
TID-field:
Hide some ("01") hides the TID memory from address 20h (included) onwards.
Range-field:
In case of activated range toggling, the read range reduction toggles from the actual value to the second. (e.g.
when actual state is normal it toggles to reduced). In case of power loss, the chip reverts to its prior state. At
activation of this feature the chip checks if sufficient power would be available, in case range reduction would be
active, to communicate with the tag. Only in case this condition is ensured the feature will be activated.
UCODE 9xm does not support the U bit and therefore ignores this value.
CommandRFU U
EPC
TID
User
Range
RN
CRC
No. of bits 16
2
1
6
2
1
2
16
16
Description 1110
0010
0000
0000
00
do
not
care
MSB:
"0": show memory above
EPC
"1": hide memory above
EPC
5 LSBs:
New EPC length
"00": hide none
"01": hide some
"10": hide all
"11": RFU
"0":
view
"1": hide
"00": normal
"01": toggle
"10":
reduced
"11": RFU
handle CRC-16
Table 11. Untraceable command
SL3S1005
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 12 February 2025
Document feedback
18 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com