Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1005FUD2/HAP Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SL3S1005FUD2/HAP
Description  The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1005FUD2/HAP Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SL3S1005FUD2/HAP Datasheet HTML 23Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 24Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 25Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 26Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 27Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 28Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 29Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 30Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
NXP Semiconductors
SL3S1005
UCODE 9xm
14 References
[1] EPCglobal: EPC Radio-Frequency Identity Protocols Class-1 Generation-2 UHF RFID Protocol for
Communications at 860 MHz – 960 MHz, Version 2.1 (July 2018)
[2] EPCglobal: EPC Tag Data Standard, Release 1.13 (November 2019)
[3] Data sheet - Delivery type description – General specification for 12" wafer on UV-tape with electronic fail
die marking, document number: 1862** 1
1
** ... document version number
SL3S1005
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 12 February 2025
Document feedback
27 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com