Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1005FUD2/HAP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SL3S1005FUD2/HAP
Description  The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1005FUD2/HAP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SL3S1005FUD2/HAP Datasheet HTML 7Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 8Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 9Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 10Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 11Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 12Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 13Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 14Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
NXP Semiconductors
SL3S1005
UCODE 9xm
9.4 Supported commands
UCODE 9xm supports all
mandatory EPC Gen2v2.1 commands.
In addition, the UCODE 9xm supports the following
optional commands:
• Access
• Block Write (32 bit on even addresses)
• Blockpermalock (128 bit)
• Untraceable including read range reduction
9.5 UCODE 9xm memory
The UCODE 9xm memory is implemented according to EPC Gen2v2.1:
Name
Size
Bank
Reserved memory (32-bit Kill password and 32-bit access password)
64 bit
00b
EPC (excluding 16-bit CRC-16 and 16-bit PC)
128 / 256 / 496 bit
01b
TID (including permalocked unique 48-bit serial number)
96 bit
10b
UCODE 9xm configuration word
16 bit
10b
USER
752 / 624 / 384 bit
11b
Table 4. UCODE 9xm memory sections
The logical address of all memory banks begins at zero (00h).
In addition to the four memory banks, one configuration word to handle the UCODE 9xm specific features is
available at TID bank 10 address bit-70h.
The configuration word is described in detail in Section 9.6.1.
The EPC/UM configuration is described in detail in Section 9.6.2.
The TID complies with the GS1 EPC Tag Data Standard. See [2].
The initial value of the Kill- and Access-password is 0000h. It is recommended to use diversified passwords for
tag populations.
SL3S1005
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 12 February 2025
Document feedback
11 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com