Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1005FUD2/HAP Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SL3S1005FUD2/HAP
Description  The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1005FUD2/HAP Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SL3S1005FUD2/HAP Datasheet HTML 16Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 17Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 18Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 19Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 20Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 21Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 22Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 23Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
NXP Semiconductors
SL3S1005
UCODE 9xm
Parity check:
A parity check on the TID is implemented to offer the possibility to identify a change in the TID. The parity bit
(Even parity) will be calculated and locked in the manufacturing process. For a check, the TID content needs to
be read out and parity checked.
9.6.7 Brand Identifier
9.6.7.1 Description
The feature allows brand owners to implement a product originality check option for their products. The
customer dedicated unique 16-bit brand identifier is programmed during manufacturing process by NXP and
therefore unalterable stored in the memory.
A SELECT command on bit 74h (Brand Identifier) in the configuration word triggers the UCODE 9xm to respond
in the inventory round with PC + EPC + Brand Identifier + CRC.
In order to prevent manipulation, the Brand Identifier is scrambled with the RN16 and not sent in plain. The
implemented scrambling is performed by bitwise XOR operation of the 16-bit Brand Identifier and the RN16. At
the reader, the Brand identifier can be descrambled and the originality check completed.
The PC value is adjusted accordingly for UCODE 9xm. A SELECT on the Brand Identifier bit always gives a Tag
matching. The usage of this feature requires an update on the reader firmware with the Brand Identifier check
routine.
Default value of the UCODE 9xm Brand Identifier is "AAAAh".
Customer-specific Brand Identifiers can be requested by a dedicated product ordering code. For details, contact
your NXP sales representative.
9.6.8 Pre-serialization of the 96-bit EPC
9.6.8.1 Description
UCODE 9xm is delivered with a pre-serialized content of the 96-bit EPC, which is the initial programmed length
of the EPC.
The EPC content is identical to the TID content except for the 16-bit XTID content which is set to 16-bit 0's.
aaa-027142
Bits
7
0 11
Class Identifier
Mask-Designer Identifier
Model Number
XTID
11
15
0
47
0
0
0
Serial Number
TID
Bits
7
0 11
Class Identifier
Mask-Designer Identifier
Model Number
0000 0000 0000 0000
11
15
0
47
0
0
0
Serial Number
serialized EPC
Figure 5. Pre-serialization of 96-bit EPC
SL3S1005
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 12 February 2025
Document feedback
20 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com