Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1005FUD2/HAP Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SL3S1005FUD2/HAP
Description  The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1005FUD2/HAP Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SL3S1005FUD2/HAP Datasheet HTML 19Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 20Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 21Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 22Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 23Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 24Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 25Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 26Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
NXP Semiconductors
SL3S1005
UCODE 9xm
10 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to RFN. [1] [2]
Symbol
Parameter
Conditions
Min
Max
Unit
Bare die limitations
Tstg
storage temperature
-55
+125
°C
Tamb
ambient temperature
-40
+85
°C
VESD
electrostatic discharge
voltage
human body model
(HBM)[3]
[4]
-
± 2
kV
Pad limitations
Pi
input power
maximum power
dissipation, RF1/RF2 pad
-
100
mW
Table 13. Limiting values
[1]
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any conditions other than those described in the Operating Conditions and Electrical Characteristics section of this
specification is not implied.
[2]
This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static charge.
Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
[3]
According to ANSI/ESDA/JEDEC JS-001
[4]
For ESD measurement, the die chip has been mounted into a CDIP8 package.
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or equivalent
standards.
SL3S1005
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 12 February 2025
Document feedback
23 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com