Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAB3R5M12DM4 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # CAB3R5M12DM4
Description  1200 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAB3R5M12DM4 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  CAB3R5M12DM4 Datasheet HTML 1Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 2Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 3Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 4Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 5Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 6Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 7Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 8Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAB3R5M12DM4
3
Rev. 1, DECEMBER 2024
© 2024 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
Module Physical Characteristics
Parameter
Symbol Min. Typ. Max. Unit Test Conditions
Package Resistance, M1 (High-Side)
R
3-1
0.41
mΩ
TC = 125°C, Note 6
Package Resistance, M2 (Low-Side)
R
1-2
0.56
TC = 125°C, Note 6
Stray Inductance
LStray
10.9
nH
Between DC- and DC+, f = 10 MHz
Case Temperature
TC
-40
125
°C
Mounting Torque
MS
1.1
2.3
N-m Baseplate, M4 bolts
Weight
W
41
g
Case Isolation Voltage
Visol
4
kV
AC, 50 Hz, 1 minute
Comparative Tracking Index
CTI
600
Clearance Distance
4.2
mm
Terminal to Terminal
13.4
Terminal to Heatsink
Creepage Distance
8.8
Terminal to Terminal
15.5
Terminal to Heatsink
Note (6): Total Effective Resistance (Per Switch Position) = MOSFET R
DS(on) + Switch Position Package Resistance
Diode Characteristics (Per Position) (TVJ = 25 °C unless otherwise specified)
Parameter
Symbol Min. Typ. Max. Unit Test Conditions
Notes
Body Diode Forward Voltage
VSD
6.2
V
VGS = -4 V, ISD = 311 A
Fig. 7
5.7
VGS = -4 V, ISD = 311 A, TVJ = 175 °C
DC Source-Drain Current (Body Diode)
IBD
192
A
VGS = -4 V, TC= 25 ˚C, TVJ ≤ 175 ˚C
131
VGS = -4 V, TC= 90 ˚C, TVJ ≤ 175 ˚C
Reverse Recovery Time
tRR
38.3
ns
VGS = -4 V, ISD = 300 A, VR = 600 V
di/dt = 19.3 A/ns, TVJ = 175 °C
Fig. 31
Reverse Recovery Charge
QRR
6.2
μC
Peak Reverse Recovery Current
IRRM
269
A
Reverse Recovery Energy, TVJ = 25 °C
TVJ = 125 °C
TVJ = 175 °C
ERR
1.1
1.6
2.6
mJ
VDD = 600 V, ID = 300 A,
VGS = -4 V/15 V, RG(ON)= 0 Ω,
Lσ = 17.4 nH
Fig. 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com