Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAB3R5M12DM4 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # CAB3R5M12DM4
Description  1200 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAB3R5M12DM4 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  CAB3R5M12DM4 Datasheet HTML 1Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 2Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 3Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 4Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 5Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 6Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 7Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 8Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAB3R5M12DM4
5
Rev. 1, DECEMBER 2024
© 2024 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
Typical Performance
Figure 7. 3rd Quadrant Characteristic vs. Junction
Temperatures at VGS = - 4 V (Body Diode)
Figure 8. Typical Capacitances vs. Drain to Source Voltage
(0 - 200V)
Figure 9. Typical Capacitances vs. Drain to Source Voltage
(0 - 1200V)
Figure 10. Threshold Voltage vs. Junction Temperature
Figure 11. Switching Energy vs. Drain Current (VDD = 600 V)
Figure 12. Switching Energy vs. Drain Current (VDD = 800 V)
0
100
200
300
400
500
600
0
1
2
3
4
5
6
7
8
Source-Drain Voltage, VSD (V)
Conditions:
tp <
VGS =
300 µs
-4 V
150 °C
125 °C
-40 °C
100 °C
25 °C
0 °C
-25 °C
175 °C
0.01
0.1
1
10
100
0
50
100
150
200
Drain-Source Voltage, VDS (V)
Coss
Crss
Ciss
Conditions:
TVJ = 25 °C
VAC =
f =
25 mV
100 kHz
0.01
0.1
1
10
100
0
200
400
600
800
1000
1200
Drain-Source Voltage, VDS (V)
Coss
Crss
Ciss
Conditions:
TVJ = 25 °C
VAC =
f =
25 mV
100 kHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
150
175
200
Virtual Junction Temperature, TVJ (°C)
Conditions:
VGS = VDS
IDS = 81 mA
EOff+EOn
ERR
EOff
EOn
0
2
4
6
8
10
12
14
16
18
0
100
200
300
400
500
600
700
Source Current, IS (A)
Conditions:
TVJ = 25 °C
VDS = 600 V
RG(ext) = 0.0 Ω
VGS = -4/+15 V
Lσ = 17.4 nH
EOff+EOn
ERR
EOff
EOn
0
5
10
15
20
25
0
100
200
300
400
500
600
700
Source Current, IS (A)
Conditions:
TVJ = 25 °C
VDS = 800 V
RG(ext) = 0.0 Ω
VGS = -4/+15 V
Lσ = 17.4 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com