Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAB3R5M12DM4 Datasheet(PDF) 12 Page - WOLFSPEED, INC.

Part # CAB3R5M12DM4
Description  1200 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAB3R5M12DM4 Datasheet(HTML) 12 Page - WOLFSPEED, INC.

Back Button CAB3R5M12DM4 Datasheet HTML 4Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 5Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 6Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 7Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 8Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 9Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 10Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 11Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 12Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
CAB3R5M12DM4
12
Rev. 1, DECEMBER 2024
© 2024 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
Contact info:
4600 Silicon Drive
Durham, NC 27703 USA
Tel: +1.919.313.5300
www.wolfspeed.com/power
Notes & Disclaimers
WOLFSPEED PROVIDES TECHNICAL AND RELIABILITY DATA, DESIGN RESOURCES, APPLICATION OR OTHER DESIGN
ADVICE, WEB TOOLS, AND OTHER RESOURCES “AS IS” AND WITH ALL FAULTS, AND DISCLAIMS ALL WARRANTIES,
EXPRESS AND IMPLIED, WITH RESPECT THERETO, INCLUDING WITHOUT LIMITATION ANY IMPLIED WARRANTIES
OF MERCHANTABILITY, SUITABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT OF THIRD-
PARTY INTELLECTUAL PROPERTY RIGHTS.
This document and the information contained herein are subject to change without notice. Any such change
shall be evidenced by the publication of an updated version of this document by Wolfspeed. No communication
from any employee or agent of Wolfspeed or any third party shall effect an amendment or modification of this
document. No responsibility is assumed by Wolfspeed for any infringement of patents or other rights of third
parties which may result from use of the information contained herein. No license is granted by implication or
otherwise under any patent or patent rights of Wolfspeed.
The information contained in this document (excluding examples, as well as figures or values that are labeled as
“typical”) constitutes Wolfspeed’s sole published specifications for the subject product. “Typical” parameters are
the average values expected by Wolfspeed in large quantities and are provided for informational purposes only.
Any examples provided herein have not been produced under conditions intended to replicate any specific end
use. Product performance can and does vary due to a number of factors.
This product has not been designed or tested for use in, and is not intended for use in, any application in which
failure of the product would reasonably be expected to cause death, personal injury, or property damage.
For purposes of (but without limiting) the foregoing, this product is not designed, intended, or authorized
for use as a critical component in equipment implanted into the human body, life-support machines, cardiac
defibrillators, and similar emergency medical equipment; air traffic control systems; or equipment used in the
planning, construction, maintenance, or operation of nuclear facilities. Notwithstanding any application-specific
information, guidance, assistance, or support that Wolfspeed may provide, the buyer of this product is solely
responsible for determining the suitability of this product for the buyer’s purposes, including without limitation
(1) selecting the appropriate Wolfspeed products for the buyer’s application, (2) designing, validating, and testing
the buyer’s application, and (3) ensuring the buyer’s application meets applicable standards and any other legal,
regulatory, and safety-related requirements.
RoHS Compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also
referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in
accordance with EU Directive 2011/65/EC (RoHS2), as implemented January 2, 2013. RoHS Declarations for this
product can be obtained from your Wolfspeed representative or from the Product Documentation sections of
www.wolfspeed.com.
REACh Compliance
REACh substances of high concern (SVHCs) information is available for this product. Since the European Chemical
Agency (ECHA) has published notice of their intent to frequently revise the SVHC listing for the foreseeable future,
please contact your Wolfspeed representative to ensure you get the most up-to-date REACh SVHC Declaration.
REACh banned substance information (REACh Article 67) is also available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com