Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAB3R5M12DM4 Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # CAB3R5M12DM4
Description  1200 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAB3R5M12DM4 Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button CAB3R5M12DM4 Datasheet HTML 4Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 5Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 6Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 7Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 8Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 9Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 10Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 11Page - WOLFSPEED, INC. CAB3R5M12DM4 Datasheet HTML 12Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAB3R5M12DM4
10
Rev. 1, DECEMBER 2024
© 2024 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
Schematic and Pin Out
Package Dimensions (mm)
A5
A3
A1
A2
A8
A9
A4
0
16
16
4.09
A
A
B
C
ISOMETRIC VIEW
SCALE: 3:2
A14
B6
B7
3 TYP
DETAIL A
SCALE: 6 : 1
UNLESS OTHERWISE SPECIFIED:
ALL SURFACES:
0.125 A B C
•
ALL HOLES:
0.25 A B C
•
CAD MODEL IS MASTER. ALL UN-DIMENSIONED
•
FEATURES TO BE DEFINED BY 3D MODEL GEOMETRY.
SYMBOL
DIMENSION TOLERANCE
A1
3.3
±0.65
A2
7.75
±0.50
A3
45
±0.30
A4
49
±0.50
A5
51.6
±0.50
A6
20.4
±0.65
A7
40.8
±0.20
B1
36.4
±0.50
B2
4.4
±0.50
A8
4.3
±0.20
A9
12.17
±0.50
A10
2.5
±0.30
A11
11.89
+1
-0.65
A12
14.64
±0.55
B3
14.99
±0.50
B4
19.79
±0.50
A13
5× 4
±0.50
B5
5× 1
±0.25
A14
3× 13
±0.50
B6
3× 10
±0.50
B7
16× 1
±0.25
ALL CONNECTORS:
±0.75
PART #:
REV
THIRD ANGLE PROJECTION
mm / deg
SIZE
C
SHEET 1 OF 3
SPECIAL CHARACTERISTICS REQUIRING CPK > 1.67 AND CON-
TINUOUS STATISTICAL PROCESS CONTROL (SPC) MONITORING
CRITICAL TO QUALITY
WOLFSPEED CONFIDENTIAL
2D AND 3D CAD GEOMETRY AVAILABLE UPON REQUEST.
DIMENSIONS AND TOLERANCES COMPLY WITH
ASME Y14.5-2009.
DM » CAB003M09DM3
TITLE
DM3 POWER MODULE DATASHEET
DETAIL VIEWS
SIGNIFICANT FEATURE, DIMENSION, OR CHARACTERISTIC WHICH
MAY BE REFERRED TO BY THE ITEM NUMBER OR NOTE LETTER
SIGNIFICANT FEATURE
SHEET SCALE: 3:1
X
X
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
This document and the information contained within are the proprietary
and confidential information of Wolfspeed, Inc. This document may not
be copied, reproduced, or disclosed to any unauthorized person without
prior written consent of Wolfspeed, Inc.
535 W. Research Center
Fayetteville, AR 72701
(866) 924-3645
www.wolfspeed.com
RELEASE STATUS:
RELEASE DATE:
0
ADS-005-001
PRODUCTION
12/04/2023
3
2
4
5
6
7
1
PIN OUT SCHEME
PIN
LABEL
1 V+
2 Mid
3 V-
4 G1, Top row pins (2)
5 K1, Bottom row pins (2)
6 G2, Top row pins (2)
7 K2, Bottom row pins (2)
PART #:
REV
THIRD ANGLE PROJECTION
mm / deg
SIZE
C
SHEET 2 OF 3
SPECIAL CHARACTERISTICS REQUIRING CPK > 1.67 AND CON-
TINUOUS STATISTICAL PROCESS CONTROL (SPC) MONITORING
CRITICAL TO QUALITY
WOLFSPEED CONFIDENTIAL
2D AND 3D CAD GEOMETRY AVAILABLE UPON REQUEST.
DIMENSIONS AND TOLERANCES COMPLY WITH
ASME Y14.5-2009.
DM » CAB003M09DM3
TITLE
DM3 POWER MODULE DATASHEET
PIN OUT
SIGNIFICANT FEATURE, DIMENSION, OR CHARACTERISTIC WHICH
MAY BE REFERRED TO BY THE ITEM NUMBER OR NOTE LETTER
SIGNIFICANT FEATURE
SHEET SCALE: 3:1
X
X
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
This document and the information contained within are the proprietary
and confidential information of Wolfspeed, Inc. This document may not
be copied, reproduced, or disclosed to any unauthorized person without
prior written consent of Wolfspeed, Inc.
535 W. Research Center
Fayetteville, AR 72701
(866) 924-3645
www.wolfspeed.com
RELEASE STATUS:
RELEASE DATE:
0
ADS-005-001
PRODUCTION
12/04/2023
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
3
4
5
1
6
7
2
V+
Mid
V-
G1
K1
G2
K2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com