Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX88196BLF Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 11Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 12Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 13Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 14Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 15Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 16Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 17Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 18Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
ASIX ELECTRONICS CORPORATION
15
AX88196BLF
4.1.5 Aggregate Address Filter with Receive Configuration Setup
The final address filter decision depends on the destination address types, identified by the above 4 address match
filters, and the setup of parameters of Receive Configuration Register.
Definitions of address match filter result are as following:
Signal
Value
Description
Phy
=1
Unicast Address Match
=0
Unicast Address not Match
Mul
=1
Multicast Address Match
=0
Multicast Address not Match
Bro
=1
Broadcast Address Match
=0
Broadcast Address not Match
VID
=1
VLAN ID Match
=0
VLAN ID not Match
AGG
=1
Aggregate Address Match
=0
Aggregate Address not Match
The meaning of AB, AM and PRO signals, please refer to “Receive Configuration Register” RCR (offset 0Ch)
The meaning of VLANE signal, Please refer to “MAC Configure Register” MCR (offset 1Bh)
Aggregate Address Filter function will be:
AB
Bro
/Mul
/Bro
PRO
Mul
/Bro
AM
Phy
VLANE
VID
AGG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com