Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0030VS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH0030VS/NOPB
Description  LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0030VS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH0030VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 11Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 12Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 13Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 14Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 15Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 16Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ACLK
RD/WR
ANC/CTRL
ADDR
DATA
DATA
ADDR
ADDR
DATA
AD[7:0]
AD[9:8]
AD[9]
AD[8]
DRIVEN
AD[9]
AD[8]
AD[9:8]
DRIVEN
WRITE
WRITE
WRITE
LMH0030
www.ti.com
SNLS219G – JANUARY 2006 – REVISED APRIL 2013
Figure 3. Control Data Write Timing
ANCILLARY DATA FUNCTIONS
The LMH0030 can multiplex Ancillary Data into the serial component video data stream. The ancillary data
packet structure, formatting and control words are given in standard SMPTE 291M. The data may reside in
portions of the horizontal and vertical blanking intervals. The data can consist of different types of message
packets including audio data. The LMH0030 supports ancillary data in the HANC and VANC areas of standard
definition component video and in the chrominance channel (C’r/C’b) only for high-definition operation. As it
applies to embedded (multiplexed) audio data, this function follows the recommended practice for AES/EBU
default Level A data handling.
Figure 4 shows the sequence of clock, data and control signals for writing Ancillary Data to the port. In ancillary
data write mode, 10-bit ancillary data is written into the AD[9:0] port and subsequently into the ancillary data
FIFO. From the FIFO, the ancillary data can be inserted into the ancillary data areas in the serial video data
stream. Ancillary data may be written to the FIFO only when in the ancillary data mode. Ancillary data cannot be
read from the FIFO through the AD Port.
The process of loading ancillary data into the FIFO is done during the active video portion of the video line.
Occurrence of the active video line interval is indicated by the H-bit in the fourth word of the TRS sequence. The
H-bit is available on I/O Port bit-2.
The ancillary data write process begins by making the ANC/CTRL input high and the RD/WR input low. Next, the
data words are presented to the port in sequence as specified in SMPTE 291M beginning with the DID word.
Data presented to the port within the required setup and hold time parameters will be written into the FIFO on the
rising edge of ACLK. The user has the option of including a checksum in the ANC input data or of having the
LMH0030 calculate and append the checksum. The LMH0030 will append the Ancillary Data Flag to each packet
automatically before multiplexing with the video data.
The process of writing ancillary data to the FIFO is effectively a double-buffered write operation. Therefore, in
order to properly write the last word of the data packet, the CRC, whether supplied with the ANC data packet or
internally generated, to the FIFO, ACLK must be toggled two additional times after the last data word is clocked
into the port (or when the CRC is being generated internally and appended). In the case where multiple packets
are being loaded to the FIFO, the additional clocks are issued after the last word of the final packet is received
by the port.
Writing of ancillary data to the FIFO, packet handling and insertion into the video data stream are controlled by a
system of masking and control bits in the control registers. These and other ancillary data control functions such
as CHKSUM ATTACH IN are explained in detail later in this data sheet.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH0030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com