Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0030VS/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LMH0030VS/NOPB
Description  LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0030VS/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH0030VS/NOPB Datasheet HTML 17Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 18Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 23Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
LMH0030
www.ti.com
SNLS219G – JANUARY 2006 – REVISED APRIL 2013
EDH REGISTERS 0, 1 AND 2 (Addresses 01h through 03h)
Updated EDH packets may be inserted into the serial output data by setting the EDH Force bit in the control
registers. The EDH Force control bit causes the insertion of new EDH checkwords and flags into the serial
output regardless of the previous condition of EDH checkwords and flags in the input parallel data. This function
may be used in situations where video content has been editted thus making the previous EDH information
invalid. In the case of SMPTE 292M data, the CRC check characters are recalculated and inserted automatically
regardless of the presence of CRC characters in the parallel data. After the LMH0030 is reset, the initial state of
the CRC check characters is 00h.
The EDH Enable bit enables operation of the EDH generator function.
The EDH ERROR (SD) bit when set indicates that EDH error conditions are being reported in EDH ancillary data
packets present in the parallel input data. Details of the specific error conditions contained in the EDH packets
are reported via the full field, active picture and ancillary flag error bits and the specific flag bits in these registers.
The EDH flags F/F FLAGS[4:0] (full field), A/P FLAGS[4:0] (active picture) and ANC FLAGS[4:0] (ancillary
data) are defined in SMPTE RP 165. The EDH flags are stored in the control registers. The flags are updated
automatically when the EDH function is enabled and data is being received.
The status of EDH flag errors in incoming SD parallel data are reported in the ffFlagError, apFlagError and
ancFlagError bits. The ffFlagError, apFlagError and ancFlagError bits are the logical-OR of the corresponding
EDH and EDA flags of the EDH checkwords.
ANC REGISTER 0 (Address 04h)
The V FIFO Depth[2:0] bits control the depth of the video FIFO which follows the input data latches. The depth
can be set from 0 to 4 stages deep by writing the corresponding binary code into these bits. For example: to set
the Video FIFO depth at two registers, load 11010XXXXXb into the ANC 0 control register (where X represents
the other functional bits of this register). To retain other data previously stored in a register, read the register’s
contents and logically-OR this with the new data. Then write the composite data back into the register.
Flags for FIFO EMPTY, FIFO FULL and FIFO OVERRUN are available in the configuration and control register
set. These flags can also be assigned as inputs and outputs on the multi-function I/O port. The FIFO OVERRUN
flag indicates that an attempt to write data into a full FIFO has occurred.
The ANC Checksum Force bit, under certain conditions, enables the overwriting of ancillary data checksums
received in the parallel ancillary data. Calculation and insertion of new ancillary data checksums is controlled by
the ANC Checksum Force bit. If a checksum error is detected (calculated and received checksums do not
match) and the ANC Checksum Force bit is set, a new checksum will be inserted in the ancillary data replacing
the previous one. If a checksum error is detected and the ANC Checksum Force bit is not set, the checksum
mismatch is reported via the ANC Checksum Error bit.
Ancillary data checksums may be received in the incoming parallel ancillary data. Alternatively they may be
calculated and inserted automatically by the LMH0030. The CHKSUM ATTACH IN bit in the control registers
when set to a logic-1 indicates that the checksum is to be supplied in the incoming data. When the CHKSUM
ATTACH IN bit is set, checksums for incoming data are calculated and checked against received checksums.
Calculation and insertion of new ancillary data checksum is controlled by the ANC Checksum Force bit in the
configuration and control registers. If a checksum error is detected (calculated and received checksums do not
match) and the ANC Checksum Force bit is set, a new checksum will be inserted in the ancillary data replacing
the previous one. If a checksum error is detected and the ANC Checksum Force bit is not set, the checksum
mismatch is reported via the ANC CHECKSUM ERROR bit in the control registers.
The ANC Checksum Error bit indicates that the received ancillary data checksum did not agree with the
LMH0030's internally generated checksum. This bit is available as an output on the multifunction I/O port.
ANC REGISTERS 1 THROUGH 4 (Address 05h through 08h)
Admission of ancillary data packets into the FIFO can be controlled by the ANC MASK[15:0] and ANC ID[15:0]
bits in the control registers. The ANC ID[7:0] register can be set to a valid 8-bit Data Identification (DID) code
used for component ancillary data packet identification as specified in SMPTE 291M. Similarly, theANC ID[15:8]
register can be set to a valid 8-bit Secondary Data Identification (SDID) or Data Block Number (DBN) code. The
ANC MASK[7:0] is an 8-bit word that can be used to selectively control loading of packets with specific DIDs (or
DID ranges) into the FIFO. Similarly, the ANC MASK[15:8] is an 8-bit word that can be used to selectively
control loading of packets with specific SDID or DBNs (or SDID or DBN ranges).
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH0030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com