Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0030VS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH0030VS/NOPB
Description  LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0030VS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH0030VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 11Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Jitter Frequency
10Hz
>1/10 fSCLK
slopes:
20dB/decade
0dB
Passband ripple
< ±1dB
Stopband rejection
>20dB
75:
1%
CL
SDO
SDO
75: test eqpt.
(attenuation
0dB)
1.0PF
VDDSD
75:
1%
CL
50: test eqpt.
(attenuation
3.5dB)
1.0PF
24.9:
1%
5.5-30pF*
* risetime
compensation
VDDSD
SDO
SDO
Hi-Z test eqpt. t 5k:
(attenuation 0dB)
CL
CMOS
outputs
VDDIO
IOL
IOH
S2
S1
CL including probe and jig
capacitance, 3pF max.
S1 - open, S2 - closed for VOH measurement
S1 - closed, S2 - open for VOL measurement
LMH0030
SNLS219G – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
Test Loads
Timing Jitter Bandpass
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com