Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0030VS/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LMH0030VS/NOPB
Description  LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0030VS/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMH0030VS/NOPB Datasheet HTML 15Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 16Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 17Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 18Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
LMH0030
www.ti.com
SNLS219G – JANUARY 2006 – REVISED APRIL 2013
Table 2. Control Register Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EDH 0 (register address 01h)
EDH ERROR
EDH FORCE
EDH ENABLE
F/F FLAGS(4)
F/F FLAGS(3)
F/F FLAGS(2)
F/F FLAGS(1)
F/F FLAGS(0)
(SD)
EDH 1 (register address 02h)
reserved
reserved
reserved
A/P FLAGS(4)
A/P FLAGS(3)
A/P FLAGS(2)
A/P FLAGS(1)
A/P FLAGS(0)
EDH 2 (register address 03h)
F/F FLAG
A/P FLAG
ANC FLAG
ANC
ANC
ANC
ANC FLAGS(3)
ANC FLAGS(1)
ERROR
ERROR
ERROR
FLAGS(4)
FLAGS(2)
FLAGS(0)
ANC 0 (register address 04h)
VIDEO FIFO
VIDEO FIFO
VIDEO FIFO
FIFO
FIFO
FIFO
ANC CHECK-
ANC CHECK-
DEPTH(2)
DEPTH(1)
DEPTH(0)
OVERRUN
EMPTY
FULL
SUM ERROR
SUM FORCE
ANC 1 (register address 05h) DID
ANC ID(7)
ANC ID(6)
ANC ID(5)
ANC ID(4)
ANC ID(3)
ANC ID(2)
ANC ID(1)
ANC ID(0)
ANC 2 (register address 06h) SDID/DBN
ANC ID(15)
ANC ID(14)
ANC ID(13)
ANC ID(12)
ANC ID(11)
ANC ID(10)
ANC ID(9)
ANC ID(8)
ANC 3 (register address 07h) DID
ANC MASK(7)
ANC MASK(6)
ANC MASK(5)
ANC MASK(4)
ANC MASK(3)
ANC MASK(2)
ANC MASK(1)
ANC MASK(0)
ANC 4 (register address 08h) SDID/DBN
ANC
ANC
ANC
ANC MASK(15)
ANC MASK(13)
ANC MASK(11)
ANC MASK(9)
ANC MASK(8)
MASK(14)
MASK(12)
MASK(10)
ANC 5 (register address 17h)
FIFO INSERT
CHSUM
FIFO FLUSH
reserved
reserved
reserved
reserved
reserved
ENABLE
ATTACH IN
STATIC
ANC 6 (register address 18h)
ANC PARITY
reserved
reserved
reserved
reserved
reserved
reserved
VANC
MASK
SWITCH POINT 0 (register address 09h)
LINE(7)
LINE(6)
LINE(5)
LINE(4)
LINE(3)
LINE(2)
LINE(1)
LINE(0)
SWITCH POINT 1 (register address 0Ah)
PROTECT(4)
PROTECT(3)
PROTECT(2)
PROTECT(1)
PROTECT(0)
LINE(10)
LINE(9)
LINE(8)
SWITCH POINT 2 (register address 19h)
LINE(7)
LINE(6)
LINE(5)
LINE(4)
LINE(3)
LINE(2)
LINE(1)
LINE(0)
SWITCH POINT 3 (register address 1Ah)
PROTECT(4)
PROTECT(3)
PROTECT(2)
PROTECT(1)
PROTECT(0)
LINE(10)
LINE(9)
LINE(8)
FORMAT 0 (register address 0Bh)
FORMAT
FORMAT
FORMAT
FORMAT
FORMAT
reserved
SD ONLY
HD ONLY
SET(4)
SET(3)
SET(2)
SET(1)
SET(0)
FORMAT 1 (register address 0Ch)
F
V
H
FORMAT(4)
FORMAT(3)
FORMAT(2)
FORMAT(1)
FORMAT(0)
TEST 0 (register address 0Dh)
TEST
TEST
TEST
TEST
TEST
TEST
PASS/FAIL
TPG ENABLE
PATTERN
PATTERN
PATTERN
PATTERN
PATTERN
PATTERN
SELECT(5)
SELECT(4)
SELECT(3)
SELECT(2)
SELECT(1)
SELECT(0)
VIDEO INFO 0 (register address 0Eh)
VERT.
DITHER
VPG FILTER
LOCK
DITHER
EAV
SAV
NSP
reserved
ENABLE
ENABLE
DETECT
ENABLE
MULTI-FUNCTION I/O BUS PIN CONFIGURATION
I/O PIN 0 CONFIG (register address 0Fh)
reserved
reserved
PIN 0 SEL[5]
PIN 0 SEL[4]
PIN 0 SEL[3]
PIN 0 SEL[2]
PIN 0 SEL[1]
PIN 0 SEL[0]
I/O PIN 1 CONFIG (register address 10h)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMH0030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com