Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0030VS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH0030VS/NOPB
Description  LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0030VS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMH0030VS/NOPB Datasheet HTML 1Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 2Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 3Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LMH0030
www.ti.com
SNLS219G – JANUARY 2006 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
It is anticipated that this device will not be offered in a military qualified version.
CMOS I/O Supply Voltage (VDDIO–VSSIO):
4.0V
SDO Supply Voltage (VDDSD–VSSSD):
4.0V
Digital Logic Supply Voltage (VDDD–VSSD):
3.0V
PLL Digital Supply Voltage (VDDPLL–VSSPLL):
3.0V
PLL Analog Supply Voltage (VDDPLLA–VSSPLLA), (VDDZ −VSSD ) :
3.0V
CMOS Input Voltage (Vi):
VSSIO −0.15V to VDDIO
+0.15V
CMOS Output Voltage (Vo):
VSSIO −0.15V to VDDIO
+0.15V
CMOS Input Current (single input):
Vi = VSSIO −0.15V:
−5 mA
Vi = VDDIO +0.15V:
+5 mA
CMOS Output Source/Sink Current:
±10 mA
SDO Output Sink Current:
40 mA
Package Thermal Resistance
θJA @ 0 LFM Airflow
47°C/W
θJA @ 500 LFM Airflow
27°C/W
θJC
6.5°C/W
Storage Temp. Range:
−65°C to +150°C
Junction Temperature:
+150°C
Lead Temperature (Soldering 4 Sec):
+260°C
ESD Rating (HBM):
2 kV
ESD Rating (MM):
250V
(1)
“Absolute Maximum Ratings” are those parameter values beyond which the life and operation of the device cannot be ensured. The
stating herein of these maximums shall not be construed to imply that the device can or should be operated at or beyond these values.
The table of “Electrical Characteristics” specifies acceptable device operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Semiconductor Sales Office / Distributors for availability and
specifications.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
VDDIO
CMOS I/O Supply Voltage
VDDIO−VSSIO
3.150
3.300
3.450
V
VDDSD
SDO Supply Voltage
VDDSD−VSSSD
3.150
3.300
3.450
V
VDDD
Digital Logic Supply Voltage
VDDD–VSSD
2.375
2.500
2.625
V
VDDPLL
PLL Supply Voltage
VDDPLL–VSSPLL
2.375
2.500
2.625
V
VDDZ
Analog Supply Voltage
VDDZ–VSSD
2.375
2.500
2.625
V
VIL
CMOS Input Voltage, Low
VSSIO
V
Level
VIH
CMOS Input Voltage High
VDDIO
V
Level
TA
Operating Free Air
0
+70
°C
Temperature
tJIT
Video Clock Jitter
VCLK
30
psP-P
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH0030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com