| Electronic Components Datasheet Search |
|
LMH0030VS/NOPB Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMH0030VS/NOPB Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 37 page ![]() ACLK MULTIFUNCTION I/O PORT BIT ACLK RD/WR ANC/CTRL AD[9:0] WRITE DATA DATA DATA DATA DATA DATA DATA LMH0030 SNLS219G – JANUARY 2006 – REVISED APRIL 2013 www.ti.com Figure 4. Ancillary Data Write Timing MULTI-FUNCTION I/O PORT The Multi-function I/O port can be configured to provide immediate access to many control and indicator functions within the LMH0030 configuration and control registers. The individual pins comprising this port may be assigned as input or output for selected bits in the control data registers. The multi-function I/O port is configured by way of an 8x6-bit register bank, I/O pin 0 CONFIG through I/O pin 7 CONFIG. The pin configuration registers contain codes which assign a control register bit to a particular I/O pin. Controls and indicators that are accessible by the port and their corresponding selection addresses are given in the I/O Pin Configuration Register Addresses, Table 6. Table 2 gives the control register bit assignments. CAUTION When writing data into the control registers via the multi-function I/O port, ACLK must be toggled to register the data as shown in Figure 5. It is not necessary to toggle ACLK when reading data from the multi-function I/O port. Example: Program multi-function I/O port bit-0 as the SAV bit output. 1. Set ANC/CTRL to a logic-low. 2. Set RD/WR to a logic-low. 3. Present 00Fh to AD[9:0] as the I/O PIN 0 CONFIG register address (see Table 3). 4. Toggle ACLK. 5. Present 30Dh to AD[9:0] as the register data (see Table 6). 6. Toggle ACLK. Figure 5. I/O Port Data Write Timing 14 Submit Documentation Feedback Copyright © 2006–2013, Texas Instruments Incorporated Product Folder Links: LMH0030 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |