Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0030VS/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LMH0030VS/NOPB
Description  LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0030VS/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LMH0030VS/NOPB Datasheet HTML 25Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 26Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 27Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 28Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 29Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 30Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 31Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 32Page - Texas Instruments LMH0030VS/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
LMH0030
www.ti.com
SNLS219G – JANUARY 2006 – REVISED APRIL 2013
PIN DESCRIPTIONS(1)
Pin
Name
Description
1
VDDPLLD
Positive Power Supply Input (2.5V supply, PLL Logic)
2
VSSPLLD
Negative Power Supply Input (2.5V supply, PLL Logic)
3
IO0
Multi-Function I/O Port
4
IO1
Multi-Function I/O Port
5
DV0
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
6
DV1
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
7
DV2
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
8
DV3
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
9
DV4
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
10
VSSD
Negative Power Supply Input (2.5V supply, Digital Logic)
11
DV5
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
12
DV6
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
13
DV7
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
14
DV8
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
15
DV9
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
16
VDDD
Positive Power Supply Input (2.5V supply, Digital Logic)
17
VSSD
Negative Power Supply Input (2.5V supply, Digital Logic)
18
DV10
Parallel Video Input (HD=Luma)
19
DV11
Parallel Video Input (HD=Luma)
20
DV12
Parallel Video Input (HD=Luma)
21
DV13
Parallel Video Input (HD=Luma)
22
DV14
Parallel Video Input (HD=Luma)
23
VDDIO
Positive Power Supply Input (3.3V supply, I/O)
24
DV15
Parallel Video Input (HD=Luma)
25
DV16
Parallel Video Input (HD=Luma)
26
DV17
Parallel Video Input (HD=Luma)
27
DV18
Parallel Video Input (HD=Luma)
28
DV19
Parallel Video Input (HD=Luma)
29
VSSIO
Negative Power Supply Input (3.3V supply, I/O)
30
IO2
Multi-Function I/O Port
31
IO3
Multi-Function I/O Port
32
IO4
Multi-Function I/O Port
33
IO5
Multi-Function I/O Port
34
IO6
Multi-Function I/O Port
35
IO7
Multi-Function I/O Port
36
ACLK
Ancillary/Control Clock Input
37
VDDD
Positive Power Supply Input (2.5V supply, Digital Logic)
38
AD0
Ancillary/Control Data I/O Port
39
AD1
Ancillary/Control Data I/O Port
40
AD2
Ancillary/Control Data I/O Port
41
AD3
Ancillary/Control Data I/O Port
42
AD4
Ancillary/Control Data I/O Port
43
VSSD
Negative Power Supply Input (2.5V supply, Digital Logic)
44
AD5
Ancillary/Control Data I/O Port
45
AD6
Ancillary/Control Data I/O Port
46
AD7
Ancillary/Control Data I/O Port
(1)
Note: All LVCMOS inputs except VCLK and ACLK have internal pull-down devices.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LMH0030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com