| Electronic Components Datasheet Search |
|
H7CX-ASD Datasheet(PDF) 28 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-ASD Datasheet(HTML) 28 Page - Omron Electronics LLC |
|
28 / 43 page ![]() C-114 Multifunction Preset Counter H7CX (Counter Function) Note: 1. The full scale (FS) for H7CX 4-digit models is 9999. 2. When the present value reaches 999999, it returns to 0. 3. Counting cannot be performed during reset/reset 1 input. 4. If reset/reset 1 is input while one-shot output is ON, one-shot output turns OFF. 5. If there is power failure while output is ON, output will turn ON again when the power supply has recovered. For one-shot output, output will turn ON again for the duration of the output time setting once the power supply has recovered. 6. Do not use the counter function in applications where the count may be completed (again) while one-shot output is ON. Input mode Operation after count completion UP DOWN UP/DOWN A, B, C Output mode setting K-1 The present value dis- play continues to in- crease/decrease. OUT1 self-holding output turns OFF after the OUT2 one-shot output time.The OUT1 one-shot out- put time is indepen- dent of OUT2. P The present value dis- play does not change during the one-shot output time period, but the actual count returns to the reset start status. The outputs return to the one-shot start state and repeat one- shot operation. OUT1 self-holding output turns OFF after the OUT2 one-shot output time. The OUT1 one-shot out- put time is indepen- dent of OUT2. Q The present value continues to increase/ decrease for the one- shot output time, but returns to the reset start status after the one-shot output time has elapsed. The outputs repeat one-shot operation. OUT1 self-holding output turns OFF after the OUT2 one-shot output time. The OUT1 one-shot out- put time is indepen- dent of OUT2. A The present value dis- play and OUT1 self- holding output is held until reset/reset 1 is input. OUT1 and OUT2 are indepen- dent. 999999 0 OUT1 OUT2 Reset/ reset 1 Set value 2 Set value 1 999999 0 OUT1 OUT2 Reset/ reset 1 Set value 2 Set value 1 999999 0 OUT1 OUT2 Reset/ reset 1 Set value 2 Set value 1 999999 0 OUT1 OUT2 Reset/ reset 1 Set value 2 Set value 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |