| Electronic Components Datasheet Search |
|
H7CX-ASD Datasheet(PDF) 30 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-ASD Datasheet(HTML) 30 Page - Omron Electronics LLC |
|
30 / 43 page ![]() C-116 Multifunction Preset Counter H7CX (Counter Function) Total and Preset Counter Operation The H7CX has a total counter, separate from the 1-stage preset counter, for counting the total accumulated value. Batch Counter Operation The H7CX has a batch counter, separate from the 1-stage preset counter, for counting the number of times the count has been completed. Note: 1. The batch count value is held at 0 during batch counter reset input. 2. If the batch count set value is 0, batch count will be performed but there will be no batch output. 3. The batch count value returns to 0 when it reaches 999,999 (9,999 for 4-digit models). 4. Once batch input has been turned ON, it will return to the ON state after power interruptions. 5. If the batch count set value is changed from a value that is greater than the batch count value to one that is less, batch output will turn ON. 6. After batch output turns ON, the ON state will be held even if the batch count set value is changed to a value greater than the batch count value. • The total counter continues to count the total accumulated value when the present value is reset using reset/reset 1 input (reset key). • The total count value is reset when the total reset/reset 2 input is turned ON. If the reset key is pressed while the total count value is displayed, the total count value is reset. The present value is also reset at this time. • The counting range of the total counter is −99,999 to 999,999 (−999 to 9,999). The total count value returns to 0 when it reaches the full scale limit. 0 0 999999 Reset/reset 1 Total reset/reset 2 Present value Total count value Note: The full scale (FS) for H7CX 4-digit models is 9999. • The batch counter continues after count completion. • Batch output is held until batch counter reset is input. • When the batch counter reset input is turned ON, the batch count value is reset, and batch output turns OFF. • If the reset key is pressed while the batch count value is displayed, the batch count value is reset and batch output turns OFF. The present value is also reset at this time. 0 0 Reset 1 Reset 2 (batch counter reset) Set value Present value OUT2 Batch count set value Batch count value OUT1 (batch output) Note: The above is for when the output mode is C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |