| Electronic Components Datasheet Search |
|
H7CX-ASD Datasheet(PDF) 31 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-ASD Datasheet(HTML) 31 Page - Omron Electronics LLC |
|
31 / 43 page ![]() Multifunction Preset Counter H7CX (Counter Function) C-117 Dual Counter Operation Using the dual counter allows the count from 2 inputs to be added or subtracted and the result displayed. It is possible to specify a set value for which output turns ON when the set value matches the added or subtracted result. OUT1 and OUT2 turn ON and OFF simultaneously. Note: 1. Counting is not possible for CP1 during reset 1 input. CP2 will not be affected. The dual count value will be calculated based on a CP1 present value of 0. 2. Counting is not possible for CP2 during reset 2 input. CP1 will not be affected. The dual count value will be calculated based on a CP2 present value of 0. 3. The counting range for the dual count value is −99,999 to 999,999 (−999 to 9,999 for 4-digit models). The counting ranges for the CP1 present value and CP2 present value are 0 to 999,999 (0 to 9,999 for 4-digit models). If a present value exceeds 999,999 (9,999 for 4- digit models), FFFFFF (FFFF for 4-digit models) will be displayed to indicate an overflow, and all counting will stop. Reset Function List • The operation after count com- pletion for the dual counter value is determined by the out- put mode. • The CP1 present value is reset when reset 1 input is turned ON and the CP2 present value is reset when reset 2 input is turned ON. • If the reset key is pressed while the dual count value, CP1 present value, or CP2 present value is displayed, all of the present values are reset and outputs turn OFF. At this time, counting is not possible for CP1 or CP2 inputs. 0 0 0 0 0 0 Dual count value CP1 present value CP2 present value OUT1, 2 Dual count value Dual count set value CP1 present value CP2 present value OUT1, 2 Note: The above is for when the output mode is N. Dual Count Calculating Mode = ADD Dual count value = CP1 PV + CP2 PV Dual Count Calculating Mode = SUB Dual count value = CP1 PV − CP2 PV Reset 1 (CP1 reset) Reset 2 (CP2 reset) Reset 1 (CP1 reset) Reset 2 (CP2 reset) Dual count set value Note: The above is for when the output mode is K-2. SUB mode can be used only when K-2, D, L, or H is selected as the output mode with 6-digit models. Function 1-stage/2-stage counter Total and preset counter Batch counter Dual counter Screen dis- played in run mode Present value/ set value (1, 2) Present value/ set value Total count value Present value/ set value Batch count value/batch count set value Dual count value/dual count set value CP1 present value/CP2 present value Reset/reset 1 Present value and output reset. Present value and output reset. Present value and output reset. Only the CP1 present value is re- set. Total reset/re- set 2 No effect. Only the total count value is reset. Batch count value and batch output reset. Only the CP2 present value is re- set. Reset key Present value and output reset. Present value and output reset. Present value, total count value, and output reset. Present value and output reset. Present value, batch count val- ue, output and batch output re- set. CP1 present value, CP2 present value, dual count value, and output reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |