Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXS0206AYFPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TXS0206AYFPR
Description  TXS0206A SD Card Voltage-Translation Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXS0206AYFPR Datasheet(HTML) 2 Page - Texas Instruments

  TXS0206AYFPR Datasheet HTML 1Page - Texas Instruments TXS0206AYFPR Datasheet HTML 2Page - Texas Instruments TXS0206AYFPR Datasheet HTML 3Page - Texas Instruments TXS0206AYFPR Datasheet HTML 4Page - Texas Instruments TXS0206AYFPR Datasheet HTML 5Page - Texas Instruments TXS0206AYFPR Datasheet HTML 6Page - Texas Instruments TXS0206AYFPR Datasheet HTML 7Page - Texas Instruments TXS0206AYFPR Datasheet HTML 8Page - Texas Instruments TXS0206AYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
TXS0206A
SCES833B – NOVEMBER 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TXS0206A
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics........................................... 6
6.6
Timing Requirements—VCCA = 1.2 V ± 0.1 V ........... 7
6.7
Timing Requirements—VCCA = 1.8 V ± 0.15 V ......... 8
6.8
Timing Requirements—VCCA = 3.3 V ± 0.3 V ........... 8
6.9
Switching Characteristics—VCCA = 1.2 V ± 0.1 V .... 9
6.10
Switching Characteristics—VCCA = 1.8 V ± 0.15 V
................................................................................. 10
6.11
Switching Characteristics—VCCA = 3.3 V ± 0.3 V . 11
6.12
Operating Characteristics —VCCA = 1.2 V ............ 12
6.13
Operating Characteristics —VCCA = 1.8 V ............ 13
6.14
Operating Characteristics — VCCA = 3.3 V ........... 13
6.15
Typical Characteristics .......................................... 14
7
Parameter Measurement Information ................ 15
8
Detailed Description ............................................ 16
8.1
Overview ................................................................. 16
8.2
Functional Block Diagram ....................................... 16
8.3
Feature Description................................................. 17
8.4
Device Functional Modes........................................ 18
9
Application and Implementation ........................ 19
9.1
Application Information............................................ 19
9.2
Typical Application ................................................. 19
9.3
System Examples ................................................... 21
10
Power Supply Recommendations ..................... 22
11
Layout................................................................... 22
11.1
Layout Guidelines ................................................. 22
11.2
Layout Example .................................................... 23
12
Device and Documentation Support ................. 24
12.1
Documentation Support ....................................... 24
12.2
Community Resources.......................................... 24
12.3
Trademarks ........................................................... 24
12.4
Electrostatic Discharge Caution ............................ 24
12.5
Glossary ................................................................ 24
13
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (May 2012) to Revision B
Page
•
Added Device Information table, ESD Ratings table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section. .................................... 1
•
Deleted the ordering information. See POA at the end of the datasheet............................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com