Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXS0206AYFPR Datasheet(PDF) 8 Page - Texas Instruments

Part # TXS0206AYFPR
Description  TXS0206A SD Card Voltage-Translation Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXS0206AYFPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TXS0206AYFPR Datasheet HTML 4Page - Texas Instruments TXS0206AYFPR Datasheet HTML 5Page - Texas Instruments TXS0206AYFPR Datasheet HTML 6Page - Texas Instruments TXS0206AYFPR Datasheet HTML 7Page - Texas Instruments TXS0206AYFPR Datasheet HTML 8Page - Texas Instruments TXS0206AYFPR Datasheet HTML 9Page - Texas Instruments TXS0206AYFPR Datasheet HTML 10Page - Texas Instruments TXS0206AYFPR Datasheet HTML 11Page - Texas Instruments TXS0206AYFPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
TXS0206A
SCES833B – NOVEMBER 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TXS0206A
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.7 Timing Requirements—VCCA = 1.8 V ± 0.15 V
over recommended operating free-air temperature range (unless otherwise noted)
VCC
MIN
MAX
UNIT
Data rate
Command
Push-pull
driving
VCCB = 1.8 V ± 0.15 V
60
Mbps
VCCB = 3.3 V ± 0.3 V
60
Open-drain
driving
VCCB = 1.8 V ± 0.15 V
1
VCCB = 3.3 V ± 0.3 V
1
Clock
Push-pull
driving
VCCB = 1.8 V ± 0.15 V
60
MHz
VCCB = 3.3 V ± 0.3 V
60
Data
VCCB = 1.8 V ± 0.15 V
60
Mbps
VCCB = 3.3 V ± 0.3 V
60
tW
Pulse
duration
Command
Push-pull
driving
VCCB = 1.8 V ± 0.15 V
17
ns
VCCB = 3.3 V ± 0.3 V
17
Open-drain
driving
VCCB = 1.8 V ± 0.15 V
1
µs
VCCB = 3.3 V ± 0.3 V
1
Clock
Push-pull
driving
VCCB = 1.8 V ± 0.15 V
8.3
ns
VCCB = 3.3 V ± 0.3 V
8.3
Data
VCCB = 1.8 V ± 0.15 V
17
ns
VCCB = 3.3 V ± 0.3 V
17
6.8 Timing Requirements—VCCA = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted)
VCC
MIN
MAX
UNIT
Data rate
Command
Push-pull
driving
VCCB = 1.8 V ± 0.15 V
60
Mbps
VCCB = 3.3 V ± 0.3 V
60
Open-drain
driving
VCCB = 1.8 V ± 0.15 V
1
VCCB = 3.3 V ± 0.3 V
1
Clock
Push-pull
driving
VCCB = 1.8 V ± 0.15 V
55
MHz
VCCB = 3.3 V ± 0.3 V
55
Data
VCCB = 1.8 V ± 0.15 V
60
Mbps
VCCB = 3.3 V ± 0.3 V
60
tW
Pulse
duration
Command
Push-pull
driving
VCCB = 1.8 V ± 0.15 V
17
ns
VCCB = 3.3 V ± 0.3 V
17
Open-drain
driving
VCCB = 1.8 V ± 0.15 V
1
µs
VCCB = 3.3 V ± 0.3 V
1
Clock
Push-pull
driving
VCCB = 1.8 V ± 0.15 V
9
ns
VCCB = 3.3 V ± 0.3 V
9
Data
VCCB = 1.8 V ± 0.15 V
17
ns
VCCB = 3.3 V ± 0.3 V
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com