Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXS0206AYFPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TXS0206AYFPR
Description  TXS0206A SD Card Voltage-Translation Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXS0206AYFPR Datasheet(HTML) 4 Page - Texas Instruments

  TXS0206AYFPR Datasheet HTML 1Page - Texas Instruments TXS0206AYFPR Datasheet HTML 2Page - Texas Instruments TXS0206AYFPR Datasheet HTML 3Page - Texas Instruments TXS0206AYFPR Datasheet HTML 4Page - Texas Instruments TXS0206AYFPR Datasheet HTML 5Page - Texas Instruments TXS0206AYFPR Datasheet HTML 6Page - Texas Instruments TXS0206AYFPR Datasheet HTML 7Page - Texas Instruments TXS0206AYFPR Datasheet HTML 8Page - Texas Instruments TXS0206AYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
TXS0206A
SCES833B – NOVEMBER 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TXS0206A
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCCA
Supply voltage, A-Port
–0.5
4.6
V
VCCB
Supply voltage, B-Port
–0.5
4.6
V
VI
Input voltage
I/O ports (A port)
–0.5
4.6
V
I/O ports (B port)
–0.5
4.6
Control inputs
–0.5
4.6
VO
Voltage range applied to any output in the high-impedance or power-off
state
A port
–0.5
4.6
V
B port
–0.5
4.6
VO
Voltage range applied to any output in the high or low state
A port
–0.5
4.6
V
B port
–0.5
4.6
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCCA or GND
±100
mA
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
Machine model (MM)
±250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com