Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXS0206AYFPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TXS0206AYFPR
Description  TXS0206A SD Card Voltage-Translation Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXS0206AYFPR Datasheet(HTML) 1 Page - Texas Instruments

  TXS0206AYFPR Datasheet HTML 1Page - Texas Instruments TXS0206AYFPR Datasheet HTML 2Page - Texas Instruments TXS0206AYFPR Datasheet HTML 3Page - Texas Instruments TXS0206AYFPR Datasheet HTML 4Page - Texas Instruments TXS0206AYFPR Datasheet HTML 5Page - Texas Instruments TXS0206AYFPR Datasheet HTML 6Page - Texas Instruments TXS0206AYFPR Datasheet HTML 7Page - Texas Instruments TXS0206AYFPR Datasheet HTML 8Page - Texas Instruments TXS0206AYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TXS0206A
SD/MMC
Controller
SD/MMC
Card
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TXS0206A
SCES833B – NOVEMBER 2011 – REVISED APRIL 2016
TXS0206A SD Card Voltage-Translation Transceiver
1
1 Features
1
•
Level Translator
–
VCCA and VCCB Range of 1.1 V to 3.6 V
–
Fast Propagation Delay (4.4 ns Maximum
When Translating Between 1.8 V and 3 V)
•
ESD Protection Exceeds JESD 22
–
2500-V Human-Body Model (A114-B)
–
250-V Machine Model (A115-A)
–
1500-V Charged-Device Model (C101)
2 Applications
•
Mobile Phones
•
Tablet PCs
•
Notebooks
•
Ultrabook Computers
3 Description
The TXS0206A is a level shifter for interfacing
microprocessors
with
MultiMediaCards
(MMCs),
secure digital (SD) cards, and Memory Stick™ cards.
The voltage-level translator has two supply voltage
pins. VCCA as well as VCCB can be operated over the
full range of 1.1 V to 3.6 V. The TXS0206A enables
system designers to easily interface applications
processors or digital basebands to memory cards and
SDIO peripherals operating at a different I/O voltage
level.
The TXS0206A is offered in a 20-bump wafer chip
scale
package
(WCSP).
This
package
has
dimensions of 1.96 mm × 1.56 mm, with a 0.4-mm
ball pitch for effective board-space savings. Memory
cards are widely used in mobile phones, PDAs, digital
cameras, personal media players, camcorders, set-
top boxes, etc. Low static power consumption and
small package size make the TXS0206A an ideal
choice for these applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TXS0206A
DSBGA (20)
1.96 mm × 1.56 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Example


Similar Part No. - TXS0206AYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206AYFPR TI1-TXS0206AYFPR Datasheet
1,013Kb / 23P
SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results

Similar Description - TXS0206AYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E_09 Datasheet
533Kb / 21P
MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206A TI1-TXS0206A Datasheet
1,013Kb / 23P
SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com