Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXS0206AYFPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TXS0206AYFPR
Description  TXS0206A SD Card Voltage-Translation Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXS0206AYFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXS0206AYFPR Datasheet HTML 5Page - Texas Instruments TXS0206AYFPR Datasheet HTML 6Page - Texas Instruments TXS0206AYFPR Datasheet HTML 7Page - Texas Instruments TXS0206AYFPR Datasheet HTML 8Page - Texas Instruments TXS0206AYFPR Datasheet HTML 9Page - Texas Instruments TXS0206AYFPR Datasheet HTML 10Page - Texas Instruments TXS0206AYFPR Datasheet HTML 11Page - Texas Instruments TXS0206AYFPR Datasheet HTML 12Page - Texas Instruments TXS0206AYFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
TXS0206A
www.ti.com
SCES833B – NOVEMBER 2011 – REVISED APRIL 2016
Product Folder Links: TXS0206A
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.9 Switching Characteristics—VCCA = 1.2 V ± 0.1 V
over operating free-air temperature range (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
MAX
UNIT
tpd
CMDA
CMDB
VCCB = 1.8 V ± 0.15 V
5.7
ns
VCCB = 3.3 V ± 0.3 V
4.4
CMDB
CMDA
VCCB = 1.8 V ± 0.15 V
6.7
VCCB = 3.3 V ± 0.3 V
5.8
CLKA
CLKB
VCCB = 1.8 V ± 0.15 V
6.2
VCCB = 3.3 V ± 0.3 V
4.5
DATxA
DATxB
VCCB = 1.8 V ± 0.15 V
7.6
VCCB = 3.3 V ± 0.3 V
7.5
DATxB
DATxA
VCCB = 1.8 V ± 0.15 V
6.3
VCCB = 3.3 V ± 0.3 V
4.6
CLKA
CLK-f
VCCB = 1.8 V ± 0.15 V
12
VCCB = 3.3 V ± 0.3 V
7.9
ten
EN
B-port
VCCB = 1.8 V ± 0.15 V
1
µs
VCCB = 3.3 V ± 0.3 V
1
EN
A-port
VCCB = 1.8 V ± 0.15 V
1
VCCB = 3.3 V ± 0.3 V
1
tdis
EN
B-port
VCCB = 1.8 V ± 0.15 V
412
ns
VCCB = 3.3 V ± 0.3 V
363
EN
A-port
VCCB = 1.8 V ± 0.15 V
423
VCCB = 3.3 V ± 0.3 V
422
trA
CMDA rise time
VCCB = 1.8 V ± 0.15 V
3.5
8.4
ns
VCCB = 3.3 V ± 0.3 V
3.4
8.1
CLK-f rise time
VCCB = 1.8 V ± 0.15 V
1
4.7
VCCB = 3.3 V ± 0.3 V
1
4.1
DATxA rise time
VCCB = 1.8 V ± 0.15 V
3.5
8.4
VCCB = 3.3 V ± 0.3 V
3.4
8.1
trB
CMDB rise time
VCCB = 1.8 V ± 0.15 V
1.4
6.5
ns
VCCB = 3.3 V ± 0.3 V
0.6
3.1
CLKB rise time
VCCB = 1.8 V ± 0.15 V
0.6
5.9
VCCB = 3.3 V ± 0.3 V
0.5
4.3
DATxB rise time
VCCB = 1.8 V ± 0.15 V
1.4
10.9
VCCB = 3.3 V ± 0.3 V
0.6
5
tfA
CMDA fall time
VCCB = 1.8 V ± 0.15 V
2.4
5.7
ns
VCCB = 3.3 V ± 0.3 V
2
5.1
CLK-f fall time
VCCB = 1.8 V ± 0.15 V
0.8
2.5
VCCB = 3.3 V ± 0.3 V
0.8
3
DATxA fall time
VCCB = 1.8 V ± 0.15 V
2.4
5.7
VCCB = 3.3 V ± 0.3 V
1.9
5.1
tfB
CMDB fall time
VCCB = 1.8 V ± 0.15 V
1.2
5.4
ns
VCCB = 3.3 V ± 0.3 V
0.6
3.6
CLKB fall time
VCCB = 1.8 V ± 0.15 V
0.6
6.3
VCCB = 3.3 V ± 0.3 V
0.5
4
DATxB fall time
VCCB = 1.8 V ± 0.15 V
0.6
6.3
VCCB = 3.3 V ± 0.3 V
0.5
3.6
tSK(O)
Channel-to-channel
skew
VCCB = 1.8 V ± 0.15 V
1
ns
VCCB = 3.3 V ± 0.3 V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com