Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXS0206AYFPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TXS0206AYFPR
Description  TXS0206A SD Card Voltage-Translation Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXS0206AYFPR Datasheet(HTML) 3 Page - Texas Instruments

  TXS0206AYFPR Datasheet HTML 1Page - Texas Instruments TXS0206AYFPR Datasheet HTML 2Page - Texas Instruments TXS0206AYFPR Datasheet HTML 3Page - Texas Instruments TXS0206AYFPR Datasheet HTML 4Page - Texas Instruments TXS0206AYFPR Datasheet HTML 5Page - Texas Instruments TXS0206AYFPR Datasheet HTML 6Page - Texas Instruments TXS0206AYFPR Datasheet HTML 7Page - Texas Instruments TXS0206AYFPR Datasheet HTML 8Page - Texas Instruments TXS0206AYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
D
E
A
1
2
3
4
B
C
3
TXS0206A
www.ti.com
SCES833B – NOVEMBER 2011 – REVISED APRIL 2016
Product Folder Links: TXS0206A
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YFP Package
20–Pin DSBGA
Top View
Pin Assignments
1
2
3
4
A
DAT2A
VCCA
WP
DAT2B
B
DAT3A
CD
VCCB
DAT3B
C
CMDA
GND
GND
CMDB
D
DAT0A
CLKA
CLKB
DAT0B
E
DAT1A
CLK-f
EN
DAT1B
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
A1
DAT2A
I/O
Data bit 2 connected to host. Referenced to VCCA. Includes a 40-kΩ pullup resistor to VCCA.
A2
VCCA
Pwr
A-port supply voltage. VCCA powers all A-port I/Os and control inputs.
A3
WP
O
Connected to write protect on the mechanical connector. The WP pin has an internal 100-k
Ω (± 30%)
pullup resistor to VCCA. Leave unconnected if not used.
A4
DAT2B
I/O
Data bit 2 connected to memory card. Referenced to VCCB. Includes a 40-kΩ pullup resistor to VCCB.
B1
DAT3A
I/O
Data bit 3 connected to host. Referenced to VCCA. Includes a 40-kΩ pullup resistor to VCCA.
B2
CD
O
Connected to card detect on the mechanical connector. The CD pin has an internal 100-k
Ω (± 30%)
pullup resistor to VCCA. Leave unconnected if not used.
B3
VCCB
Pwr
B-port supply voltage. VCCB powers all B-port I/Os.
B4
DAT3B
I/O
Data bit 3 connected to memory card. Referenced to VCCB. Includes a 40-kΩ pullup resistor to VCCB.
C1
CMDA
I/O
Command bit connected to host. Referenced to VCCA. Includes a 40-kΩ pullup resistor to VCCA.
C2
GND
—
Ground
C3
GND
—
Ground
C4
CMDB
I/O
Command bit connected to memory card. Referenced to VCCB. Includes a 40-kΩ pullup resistor to VCCB.
D1
DAT0A
I/O
Data bit 0 connected to host. Referenced to VCCA. Includes a 40-kΩ pullup resistor to VCCA.
D2
CLKA
I
Clock signal connected to host. Referenced to VCCA.
D3
CLKB
O
Clock signal connected to memory card. Referenced to VCCB.
D4
DAT0B
I/O
Data bit 0 connected to memory card. Referenced to VCCB. Includes a 40-kΩ pullup resistor to VCCB.
E1
DAT1A
I/O
Data bit 1 connected to host. Referenced to VCCA. Includes a 40-kΩ pullup resistor to VCCA.
E2
CLK-f
O
Clock feedback to host for resynchronizing data to a processor. Leave unconnected if not used.
E3
EN
I
Enable/disable control. Pull EN low to place all outputs in Hi-Z state. Referenced to VCCA.
E4
DAT1B
I/O
Data bit 1 connected to memory card. Referenced to VCCB. Includes a 40-kΩ pullup resistor to VCCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com