Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6505MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LMH6505MA/NOPB
Description  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6505MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMH6505MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
-80
-60
-40
-20
0
20
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
AV (dB)
4.5 mA SOURCING
4.5 mA SINKING
LMH6505
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
www.ti.com
LMH6505 GAIN CONTROL RANGE AND MINIMUM GAIN
Before discussing Gain Control Range, it is important to understand the issues which limit it. The minimum gain
of the LMH6505 is theoretically zero, but in practical circuits it is limited by the amount of feedthrough, here
defined as the gain when VG = 0V. Capacitive coupling through the board and package, as well as coupling
through the supplies, will determine the amount of feedthrough. Even at DC, the input signal will not be
completely rejected. At high frequencies feedthrough will get worse because of its capacitive nature. At
frequencies below 10 MHz, the feed through will be less than
−60 dB and therefore, it can be said that with
AVMAX = 20 dB, the gain control range is 80 dB.
LMH6505 GAIN CONTROL FUNCTION
In the plot, Gain vs. VG (Figure 19), we can see the gain as a function of the control voltage. The “Gain (V/V)”
plot, sometimes referred to as the S-curve, is the linear (V/V) gain. This is a hyperbolic tangent relationship and
is given by Equation 3. The “Gain (dB)” plots the gain in dB and is linear over a wide range of gains. Because of
this, the LMH6505 gain control is referred to as “linear-in-dB.”
For applications where the LMH6505 will be used at the heart of a closed loop AGC circuit, the S-curve control
characteristic provides a broad linear (in dB) control range with soft limiting at the highest gains where large
changes in control voltage result in small changes in gain. For applications requiring a fully linear (in dB) control
characteristic, use the LMH6505 at half gain and below (VG ≤ 1V).
GAIN STABILITY
The LMH6505 architecture allows complete attenuation of the output signal from full gain to complete cutoff. This
is achieved by having the gain control signal VG “throttle” the signal which gets through to the final stage and
which results in the output signal. As a consequence, the RG pin's (pin 3) average current (DC current) influences
the operating point of this “throttle” circuit and affects the LMH6505's gain slightly. Figure 44 below, shows this
effect as a function of the gain set by VG.
Figure 44. LMH6505 Gain Variation over RG DC Current Capability vs. Gain
This plot shows the expected gain variation for the maximum RG DC current capability (±4.5 mA). For example,
with gain (AV) set to −60 dB, if the RG pin DC current is increased to 4.5 mA sourcing, one would expect to see
the gain increase by about 3 dB (to
−57 dB). Conversely, 4.5 mA DC sinking current through RG would increase
gain by 1.75 dB (to
−58.25 dB). As you can see from Figure 44 above, the effect is most pronounced with
reduced gain and is limited to less than 3.75 dB variation maximum.
If the application is expected to experience RG DC current variation and the LMH6505 gain variation is beyond
acceptable limits, please refer to the LMH6502 (Differential Linear in dB variable gain amplifier) datasheet
instead at http://www.ti.com/lit/gpn/LMH6502.
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com