Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6505MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6505MA/NOPB
Description  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6505MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6505MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
-10
-5
0
5
10
15
20
POUT (dBm)
-20
-30
-40
-50
-60
-70
-80
-90
-100
VG = VG_MAX
100 kHz
20 MHz
-10
-5
0
5
10
15
20
POUT (dBm)
0
-10
-20
-30
-40
-50
-60
-70
1 MHz
20 MHz
VG = VGMID = a1V
-10
-5
0
5
10
15
20
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
POUT (dBm)
HD3, 100 kHz
HD2, 100 kHz
HD2, 20 MHz
VG = VGMAX
HD3, 20 MHz
100k
1M
10M
100M
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
THD
HD3
HD2
VG = VG_MAX
VOUT = 1 VPP
IOUT (mA)
0
1
2
3
4
5
0
20
40
60
80
100
120
85°C
-40°C
25°C
-40°C
25°C
85°C
IOUT (mA)
0
1
2
3
4
5
0
20
40
60
80
100
120
85°C
-40°C
25°C
-40°C
85°C
LMH6505
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, TA = 25°C, VG = VGMAX, RF = 1 kΩ, RG = 100Ω, VIN = 0.1V, input terminated in 50Ω. RL
= 100
Ω, Typical values.
Output Voltage vs. Output Current (Sinking)
Output Voltage vs. Output Current (Sourcing)
Figure 28.
Figure 29.
Distortion vs. Frequency
HD vs. POUT
Figure 30.
Figure 31.
THD vs. POUT
THD vs. POUT
Figure 32.
Figure 33.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com