Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6505MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6505MA/NOPB
Description  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6505MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6505MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
SS REF
5 ns/DIV
LS REF
0.5 VPP SMALL SIGNAL
4 VPP LARGE SIGNAL
SS REF
5 ns/DIV
LS REF
0.5 VPP SMALL SIGNAL
4 VPP LARGE SIGNAL
VG = VG_MID
0
0.5
1
1.5
2
2.5
3
VG (V)
820
840
860
880
900
920
940
-1.4
-0.2
0.2
0.6
1
1.4
VOUT DC (V)
-1
-0.6
-0.1
0
0.2
0.3
0.4
0.5
0.1
-0.15
-0.1
0
0.05
0.1
0.15
-0.05
DP
DG
f = 4.43 MHz
RL = 100:
VG = VGMAX
-5
0
5
10
15
20
0
-10
-20
-30
-40
-50
-60
-70
-80
GAIN (dB)
20 MHz
100 kHz
VOUT = 1 VPP
VG VARIED
2 MHz
-15
-10
-5
0
5
10
15
20
0
GAIN (dB)
-10
-20
-30
-40
-50
-60
-70
-80
-90
20 MHz
100 kHz
2 MHz
VOUT = 0.25 VPP
VG VARIED
LMH6505
www.ti.com
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, TA = 25°C, VG = VGMAX, RF = 1 kΩ, RG = 100Ω, VIN = 0.1V, input terminated in 50Ω. RL
= 100
Ω, Typical values.
THD vs. Gain
THD vs. Gain
Figure 34.
Figure 35.
Differential Gain & Phase
VG Bias Current vs. VG
Figure 36.
Figure 37.
Step Response Plot
Step Response Plot
Figure 38.
Figure 39.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com