Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6505MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6505MA/NOPB
Description  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6505MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6505MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
0
0.5
1
1.5
2
2.5
VG (V)
-15
-10
-5
0
5
10
25°C
85°C
-40°C
0
0.5
1
1.5
2
2.5
VG (V)
0
5
10
15
20
25
30
85°C
85°C
-40°C
25°C
-0.5
0
0.5
1
1.5
VG (V)
2
-90
-70
-50
30
-30
-10
10
0
2
4
12
6
8
10
11
9
7
5
3
1
dB
V/V
125°C
25°C
-55°C
125°C
25°C
-55°C
-1.5
-1
-0.5
0
0.5
1
1.5
+8
+6
+4
+2
0
-2
-4
-6
-8
-10
VIN (V)
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
AVMAX = 100 V/V
AVMAX = 10 V/V
AVMAX = 2 V/V
0.01
0.1
1
10
100
0
0.5
1
1.5
2
VG (V)
TEMP RANGE: -55°C TO 125°C
|GAIN(COLD) ± GAIN (HOT)
LMH6505
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, TA = 25°C, VG = VGMAX, RF = 1 kΩ, RG = 100Ω, VIN = 0.1V, input terminated in 50Ω. RL
= 100
Ω, Typical values.
Feed through Isolation for Various AVMAX
Gain Variation Over entire Temp Range vs. VG
Figure 16.
Figure 17.
IRG vs. VIN
Gain vs. VG
See Electrical Characteristics Note (7).
Figure 18.
Figure 19.
Output Offset Voltage vs. VG (Typical Unit #1)
Output Offset Voltage vs. VG (Typical Unit #2)
Figure 20.
Figure 21.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com