Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6505MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH6505MA/NOPB
Description  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6505MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6505MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
-7
-6
-5
-4
-3
-2
-1
0
1
f (10 MHz/DIV)
-240
-200
-160
-120
-80
-40
0
40
80
2V
GAIN
PHASE
1V
0.8V
0
AVMAX = 100V/V
RF = 2.32 k:
RG = 18:
PIN = -24 dBm,
-14
-12
-10
-8
-6
-4
-2
0
2
f (20 MHz/DIV)
-350
-300
-250
-200
-150
-100
-50
0
50
GAIN
PHASE
4 VPP
2 VPP
1 VPP
0
-6
-5
-4
-3
-2
-1
0
1
2
3
f (50 MHz/DIV)
-400
-350
-300
-250
-200
-150
-100
-50
0
50
GAIN
PHASE
AVMAX = 2V/V
RF = 1 k:
RG = 510:
PIN = 4 dBm
VG = 2V
VG = 1V
VG = 0.8V
VG = 0.8V
VG = 1V
VG = 2V
0
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
f (50 MHz/DIV)
-360
-320
-280
-240
-200
-160
-120
-80
-40
0
40
GAIN
PHASE
4 VPP
2 VPP
1 VPP
0
2 VPP
4 VPP
1 VPP
1M
10M
100M
1G
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
GAIN
PHASE
PIN = -22 dBm
85°C
-40°C
25°C
85°C
-40°C
25°C
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
1M
10M
100M
1G
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
GAIN
PHASE
PIN = -22 dBm
VG = 2V
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
VG = 0.7V
VG = 0.9V
VG = 1V
VG = 0.9V
VG = 2V
VG = 1V
VG = 0.7V
LMH6505
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: VS = ±5V, TA = 25°C, VG = VGMAX, RF = 1 kΩ, RG = 100Ω, VIN = 0.1V, input terminated in 50Ω. RL
= 100
Ω, Typical values.
Frequency Response Over Temperature
Frequency Response for Various VG
Gain/Phase normalized to low frequency value at 25°C.
Gain/Phase normalized to low frequency value at each setting.
Figure 4.
Figure 5.
Frequency Response (AVMAX = 2)
Inverting Frequency Response
Gain/Phase normalized to low frequency value at each setting.
Figure 6.
Figure 7.
Frequency Response for Various VG (AVMAX = 100)
(Large Signal)
Frequency Response for Various Amplitudes
Gain/Phase normalized to low frequency value at each setting.
Gain/Phase normalized to low frequency value at each setting.
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com