Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6505MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH6505MA/NOPB
Description  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6505MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6505MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
2.5
3
3.5
4
4.5
5
5.5
±SUPPLY VOLTAGE
0
2
4
6
8
10
12
6
-40°C
25°C
85°C
0
100
10k
1M
100M
FREQUENCY (Hz)
-80
-40
10M
100k
1k
-20
-30
-50
-60
-70
-10
+PSRR
-PSRR
3
3.5
4
4.5
5
5.5
6
0
2
4
6
8
10
12
14
16
18
20
±SUPPLY VOTLAGE (V)
25°C
85°C
-40°C
RL = OPEN
2
3
4
5
6
-0.8
-0.7
-0.6
-0.5
-0.4
±SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
3
3.5
4
4.5
5
5.5
6
0
2
4
6
8
10
12
14
16
18
20
±SUPPLY VOTLAGE (V)
25°C
85°C
-40°C
VG = VG_MIN
RL = OPEN
100k
1G
FREQUENCY (Hz)
100M
10M
1M
-40
-20
-5
15
5
-15
-35
10
0
-10
-25
-30
-320
-160
-40
120
40
-120
-280
80
0
-80
-200
-240
40°C
25°C
85°C
40°C
25°C
85°C
VG (AC) = -13.7 dBm
VIN = 0.2V (DC)
VG = 0.98 AVERAGE
MAGNITUDE
ANGLE
LMH6505
www.ti.com
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, TA = 25°C, VG = VGMAX, RF = 1 kΩ, RG = 100Ω, VIN = 0.1V, input terminated in 50Ω. RL
= 100
Ω, Typical values.
Gain Control Frequency Response
IS vs. VS
See Electrical Characteristics Note (5).
Figure 10.
Figure 11.
IS vs. VS
Input Bias Current vs. VS
Figure 12.
Figure 13.
PSRR
AVMAX vs. Supply Voltage
See Electrical Characteristics Note (9)
Figure 14.
Figure 15.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com