Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6505MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LMH6505MA/NOPB
Description  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6505MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMH6505MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
2
VIN
VO
RG
100:
+
-
LMC8101
LMH6505
3
1
6
7
4
RF
1 k:
Io1
Io2
DIGITAL
INPUT
VREF
RFB
DAC0830
LMH6505
www.ti.com
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
Figure 48. Digital Gain Control
USING THE LMH6505 IN AGC APPLICATIONS
In AGC applications, the control loop forces the LMH6505 to have a fixed output amplitude. The input amplitude
will vary over a wide range and this can be the issue that limits dynamic range. At high input amplitudes, the
distortion due to the input buffer driving RG may exceed that which is produced by the output amplifier driving the
load. In the plot, THD vs. Gain, total harmonic distortion (THD) is plotted over a gain range of nearly 35 dB for a
fixed output amplitude of 0.25 VPP in the specified configuration, RF = 1 kΩ, RG = 100Ω. When the gain is
adjusted to
−15 dB (i.e. 35 dB down from AVMAX), the input amplitude would be 1.41 VPP and we can see the
distortion is at its worst at this gain. If the output amplitude of the AGC were to be raised above 0.25 VPP, the
input amplitudes for gains 40 dB down from AVMAX would be even higher and the distortion would degrade
further. It is for this reason that we recommend lower output amplitudes if wide gain ranges are desired. Using a
post-amp like the LMH6714/LMH6720/LMH6722 family or the LMH6702 would be the best way to preserve
dynamic range and yield output amplitudes much higher than 100 mVPP. Another way of addressing distortion
performance and its limitations on dynamic range, would be to raise the value of RG. Just like any other high-
speed amplifier, by increasing the load resistance, and therefore decreasing the demanded load current, the
distortion performance will be improved in most cases. With an increased RG, RF will also have to be increased
to keep the same AVMAX and this will decrease the overall bandwidth. It may be possible to insert a series RC
combination across RF in order to counteract the negative effect on BW when a large RF is used.
AUTOMATIC GAIN CONTROL (AGC)
Fast Response AGC Loop
The AGC circuit shown in Figure 49 will correct a 6 dB input amplitude step in 100 ns. The circuit includes a two
op amp precision rectifier amplitude detector (U1 and U2), and an integrator (U3) to provide high loop gain at low
frequencies. The output amplitude is set by R9. The following are some suggestions for building fast AGC loops:
Precision rectifiers work best with large output signals. Accuracy is improved by blocking DC offsets, as shown in
Figure 49.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMH6505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com