Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LMZ14202HTZX/NOPB
Description  LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMZ14202HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LMZ14202H
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Typical Application (continued)
Upon turnon, after all UVLO conditions have been passed, an internal 8-uA current source begins charging the
external soft-start capacitor. The soft-start time duration to reach steady state operation is given by the formula:
tSS = VREF × CSS / Iss = 0.8 V × CSS / 8uA
(4)
This equation can be rearranged as follows:
CSS = tSS × 8 μA / 0.8 V
(5)
Use of a 4700-pF capacitor results in 0.5ms soft-start duration. This is a recommended value. Note that high
values of CSS capacitance will cause more output voltage droop when a load transient goes across the DCM-
CCM boundary. Use Equation 22 below to find the DCM-CCM boundary load current for the specific operating
condition. If a fast load transient response is desired for steps between DCM and CCM mode the soft-start
capacitor value should be less than 0.018µF.
As the soft-start input exceeds 0.8 V the output of the power stage will be in regulation. Note that the following
conditions will reset the soft-start capacitor by discharging the SS input to ground with an internal 200
μA current
sink:
•
The enable input being “pulled low”
•
Thermal shutdown condition
•
Overcurrent fault
•
Internal VINUVLO
8.2.2.1.4
Output Capacitor, CO, Selection
None of the required output capacitance is contained within the module. At a minimum, the output capacitor must
meet the worst-case RMS current rating of 0.5 x ILR P-P, as calculated in Equation 23. Beyond that, additional
capacitance will reduce output ripple so long as the ESR is low enough to permit it. A minimum value of 10
μF is
generally required. Experimentation will be required if attempting to operate with a minimum value. Low ESR
capacitors, such as ceramic and polymer electrolytic capacitors are recommended.
8.2.2.1.4.1
Capacitance
Equation 6 provides a good first pass approximation of CO for load transient requirements:
CO≥ISTEP x VFB x L x VIN/ (4 x VO x (VIN — VO) x VOUT-TRAN)
(6)
As an example, for 2-A load step, VIN = 24 V, VOUT = 12 V, VOUT-TRAN = 50 mV:
CO≥ 2 A x 0.8 V x 15 μH x 24 V / (4 x 12 V x ( 24 V — 12 V) x 50 mV)
(7)
CO≥ 20 μF
(8)
8.2.2.1.4.2
ESR
The ESR of the output capacitor affects the output voltage ripple. High ESR will result in larger VOUT peak-to-
peak ripple voltage. Furthermore, high output voltage ripple caused by excessive ESR can trigger the
overvoltage protection monitored at the FB pin. The ESR should be chosen to satisfy the maximum desired VOUT
peak-to-peak ripple voltage and to avoid overvoltage protection during normal operation. The following equations
can be used:
ESRMAX-RIPPLE ≤ VOUT-RIPPLE / ILR P-P
where
•
ILR P-P is calculated using Equation 23 below
(9)
ESRMAX-OVP < (VFB-OVP - VFB) / (ILR P-P x AFB )
where
•
AFB is the gain of the feedback network from VOUT to VFB at the switching frequency.
(10)
As worst-case, assume the gain of AFB with the CFF capacitor at the switching frequency is 1.
The selected capacitor should have sufficient voltage and RMS current rating. The RMS current through the
output capacitor is:
I(COUT(RMS)) = ILR P-P / √12
(11)
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com