Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LMZ14202HTZX/NOPB
Description  LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMZ14202HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 22Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 23Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 24Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 25Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
VIN
GND
VIN
VO
Cin1
CO1
Loop 1
Loop 2
LMZ14202H
VOUT
High
di/dt
LMZ14202H
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Layout Guidelines (continued)
•
Stencil Thickness – 0.125 mm to 0.15 mm
•
Reflow - Refer to solder paste supplier recommendation and optimized per board size and density
•
Refer to application note SNAA214 for Reflow information
•
Maximum number of reflows allowed is one
Figure 50. Sample Reflow Profile
Table 1. Sample Reflow Profile Table
MAX TEMP
REACHED
TIME ABOVE
REACHED
TIME ABOVE
REACHED
TIME ABOVE
REACHED
PROBE
(°C)
MAX TEMP
235°C
235°C
245°C
245°C
260°C
260°C
1
242.5
6.58
0.49
6.39
0.00
–
0.00
–
2
242.5
7.10
0.55
6.31
0.00
7.10
0.00
–
3
241.0
7.09
0.42
6.44
0.00
–
0.00
–
10.2 Layout Example
Figure 51. Critical Current Loops to Minimize
22
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com