Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LMZ14202HTZX/NOPB
Description  LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMZ14202HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 22Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 23Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 24Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 25Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 26Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VIN = 15V
VIN = 24V
VIN = 30V
VIN = 36V
VIN = 42V
1
2
3
4
5
6
7
Top View
VIN
COUT
VOUT
RENT
RON
CSS
GND
Thermal Vias
CIN
GND
RENB
CFF
RFBT
RFBB
GND Plane
EPAD
LMZ14202H
www.ti.com
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
Layout Example (continued)
Figure 52. PCB Layout
10.3 Power Dissipation and Board Thermal Requirements
For a design case of VIN = 24 V, VOUT = 12 V, IOUT = 2 A, TA (MAX) = 85°C , and TJUNCTION = 125°C, the device
must see a maximum junction-to-ambient thermal resistance of:
RθJA-MAX < (TJ-MAX - TA(MAX)) / PD
This RθJA-MAX will ensure that the junction temperature of the regulator does not exceed TJ-MAX in the particular
application ambient temperature.
To calculate the required RθJA-MAX we need to get an estimate for the power losses in the IC. Figure 53 is taken
from the Typical Characteristics section and shows the power dissipation of the LMZ14202H for VOUT = 12 V at
85°C TA.
Figure 53. Power Dissipation VOUT = 12 V, TA = 85°C
Using the 85°C TA power dissipation data PD for VIN = 24 V and VOUT = 12 V is estimated to be 1.8 W. The
necessary RθJA-MAX can now be calculated.
RθJA-MAX < (125°C - 85°C) / 1.8W
(24)
RθJA-MAX < 22.2°C/W
(25)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com