Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMZ14202HTZX/NOPB
Description  LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMZ14202HTZX/NOPB Datasheet HTML 6Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 9Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 10Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 11Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 12Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
-20
0
20
40
60
80 100 120 140
0.0
0.5
1.0
1.5
2.0
2.5
AMBIENT TEMPERATURE (°C)
VIN = 34V
VIN = 36V
VIN = 42V
-20
0
20
40
60
80 100 120 140
0.0
0.5
1.0
1.5
2.0
2.5
AMBIENT TEMPERATURE (°C)
VIN = 34V
VIN = 36V
VIN = 42V
-20
0
20
40
60
80 100 120 140
0.0
0.5
1.0
1.5
2.0
2.5
AMBIENT TEMPERATURE (°C)
VIN = 30V
VIN = 36V
VIN = 42V
-20
0
20
40
60
80 100 120 140
0.0
0.5
1.0
1.5
2.0
2.5
AMBIENT TEMPERATURE (°C)
VIN = 30V
VIN = 36V
VIN = 42V
-20
0
20
40
60
80 100 120 140
0.0
0.5
1.0
1.5
2.0
2.5
AMBIENT TEMPERATURE (°C)
VIN = 15V
VIN = 24V
VIN = 42V
-20
0
20
40
60
80 100 120 140
0.0
0.5
1.0
1.5
2.0
2.5
AMBIENT TEMPERATURE (°C)
VIN = 15V
VIN = 24V
VIN = 42V
LMZ14202H
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V; CIN = 10-uF X7R Ceramic; CO = 47 uF; TA = 25°C.
Figure 25. Thermal Derating VOUT = 12 V, RθJA = 16°C/W
Figure 26. Thermal Derating VOUT = 12 V, RθJA = 20°C/W
Figure 27. Thermal Derating VOUT = 24 V, RθJA = 16°C/W
Figure 28. Thermal Derating VOUT = 24 V, RθJA = 20°C/W
Figure 29. Thermal Derating VOUT = 30 V, RθJA = 16°C/W
Figure 30. Thermal Derating VOUT = 30 V, RθJA = 20°C/W
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com