Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LMZ14202HTZX/NOPB
Description  LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMZ14202HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 22Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 23Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 24Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 25Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 26Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 27Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
BOARD AREA (cm
2
)
0LFM (0m/s) air
225LFM (1.14m/s) air
500LFM (2.54m/s) air
Evaluation Board Area
LMZ14202H
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Power Dissipation and Board Thermal Requirements (continued)
To achieve this thermal resistance the PCB is required to dissipate the heat effectively. The area of the PCB will
have a direct effect on the overall junction-to-ambient thermal resistance. In order to estimate the necessary
copper area we can refer to the following Figure 54. Figure 54 is taken from the Typical Characteristics section
and shows how the RθJA varies with the PCB area.
Figure 54. Package Thermal Resistance RθJA 4-Layer Printed-Circuit-Board With 1-oz Copper
For RθJA-MAX< 22.2°C/W and only natural convection (that is, no air flow), the PCB area will have to be at least 30
cm2. This corresponds to a square board with approximately 5.5cm × 5.5cm (2.17in × 2.17in) copper area, 4
layers, and 1-oz copper thickness. Higher copper thickness will further improve the overall thermal performance.
Note that thermal vias should be placed under the IC package to easily transfer heat from the top layer of the
PCB to the inner layers and the bottom layer.
For more guidelines and insight on PCB copper area, thermal vias placement, and general thermal design
practices refer to Application Note AN-2020 (SNVA419).
24
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com