Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LMZ14202HTZX/NOPB
Description  LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMZ14202HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 22Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 23Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
0
200
400
600
800
1000
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
Emissions (Evaluation Board)
EN 55022 Limit (Class B)
0.0
0.5
1.0
1.5
2.0
70
75
80
85
90
95
100
OUTPUT CURRENT (A)
VIN = 15V
VIN = 24V
VIN = 30V
VIN = 36V
VIN = 42V
-20
0
20
40
60
80 100 120 140
0.0
0.5
1.0
1.5
2.0
2.5
AMBIENT TEMPERATURE (°C)
VIN = 15V
VIN = 24V
VIN = 42V
LMZ14202H
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Typical Application (continued)
8.2.2.1.6.1
Discontinuous Conduction and Continuous Conduction Modes Selection
Operating frequency in DCM can be calculated as follows:
fSW(DCM)≊VO x (VIN-1) x 15 μH x 1.18 x 10
20 x I
O / (VIN–VO) x RON
2
(21)
In CCM, current flows through the inductor through the entire switching cycle and never falls to zero during the
OFF-time. The switching frequency remains relatively constant with load current and line voltage variations. The
CCM operating frequency can be calculated using Equation 16 above.
The approximate formula for determining the DCM/CCM boundary is as follows:
IDCB≊VOx (VIN–VO) / ( 2 x 15μH x fSW(CCM) x VIN)
(22)
The inductor internal to the module is 15
μH. This value was chosen as a good balance between low and high
input voltage applications. The main parameter affected by the inductor is the amplitude of the inductor ripple
current (ILR). ILR can be calculated with:
ILR P-P=VO x (VIN- VO) / (15 µH x fSW x VIN)
where
•
VIN is the maximum input voltage and fSW is determined from Equation 16.
(23)
If the output current IO is determined by assuming that IO = IL, the higher and lower peak of ILR can be
determined. Be aware that the lower peak of ILR must be positive if CCM operation is required.
8.2.3 Application Curves
Figure 47. Efficiency VOUT = 12 V
Figure 48. Thermal Derating VOUT = 12 V, RθJA = 16°C/W
Figure 49. Radiated Emissions (EN 55022 Class B)
20
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com