Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMZ14202HTZX/NOPB
Description  LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMZ14202HTZX/NOPB Datasheet HTML 1Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 2Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 3Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 4Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 5Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 6Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LMZ14202H
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
6
42
V
EN
0
6.5
V
Operation Junction Temperature
−40
125
°C
6.4 Thermal Information
LMZ14202H
NDW (TO-
THERMAL METRIC(1)
UNIT
PMOD)
7 PINS
4-layer Printed-Circuit-Board, 7.62 cm × 7.62 cm (3 in × 3 in) area,
16
1-oz Copper, No air flow
Junction-to-ambient thermal
RθJA
°C/W
resistance
4-layer Printed-Circuit-Board, 6.35 cm × 6.35 cm (2.5 in × 2.5 in)
18.4
area, 1-oz Copper, No air flow
Junction-to-case (top)
RθJC(top)
No air flow
1.9
°C/W
thermal resistance
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
Limits are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are ensured through test, design or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 24 V, VOUT = 12 V, RON = 249 kΩ
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS
ENABLE CONTROL
1.18
VEN
EN threshold trip point VEN rising
V
over the junction temperature
1.1
1.25
(TJ) range of –40°C to +125°C
EN threshold
VEN-HYS
90
mV
hysteresis
SOFT-START
10
ISS
SS source current
VSS = 0 V
µA
over the junction temperature
8
15
(TJ) range of –40°C to +125°C
ISS-DIS
SS discharge current
-200
µA
CURRENT LIMIT
3.2
ICL
Current limit threshold DC average
A
over the junction temperature
2.4
3.95
(TJ) range of –40°C to +125°C
VIN UVLO
EN pin floating
VINUVLO
Input UVLO
3.75
V
VIN rising
EN pin floating
VINUVLO-HYST Hysteresis
130
mV
VIN falling
ON/OFF TIMER
ON timer minimum
tON-MIN
150
ns
pulse width
tOFF
OFF timer pulse width
260
ns
(1)
Minimum and Maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com