Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA101SM/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 22Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 23Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 24Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 25Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 26Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 27Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 28Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 29Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
Table 18. Status Register (STATUS) ($01) (1)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15
RW
Results of Compare (2)
0
0b
SYS_RST
14
RW
BIST Running
0
0b
SYS_RST
13
RW
Memory BIST Result
0
0b
SYS_RST
12
RW
TDO Status Half-empty (3)
0
0b
SYS_RST
11
RW
TDO Status Empty
0
0b
SYS_RST
10
RW
TDI Status Full
0
0b
SYS_RST
9
RW
TDI Status Half-full (3)
0
0b
SYS_RST
8
RW
Using Sequencer
0
0b
SYS_RST
7:3
RO
Reserved Using Vector x (4)
0
00000b
2:0
RW
Using Vector x
0
000b
SYS_RST
(1)
Write capability to the register is only for test and debug purposes. Drivers should disable writes to the register during normal operation.
(2)
Results of Compare bit is toggled after a compare is complete and it is set to the mismatch state when sequencer is kicked off again.
Remains in last state until next compare completed or until set to the mismatch state.
(3)
Half full or half empty designates 56 long words.
(4)
Reserved Using Vector x for future growth for the number of vectors.
Results of Compare
Results of compare between TDI_SM and Expected memory space
'1'
Compare match
'0'
Compare mismatch
BIST Running
Indicates the BIST operation is still active
'1'
BIST operation active
'0'
BIST operation complete or BIST operation not running
Memory BIST Result
ScanMaster BIST result. BIST result will be held until overwritten by next BIST operation.
'1'
Passed memory BIST
'0'
Failed memory BIST
TDO Status Half
TDO_SM memory space status half empty
'1'
TDO_SM memory space half empty
'0'
TDO_SM memory space not half empty
TDO Status Empty
TDO_SM memory space status empty
'1'
TDO_SM memory space empty
'0'
TDO_SM memory space not empty
TDI Status Full
TDI_SM memory space status full
'1'
TDI_SM memory space full
'0'
TDI_SM memory space not full
TDI Status Half
TDI_SM memory space status half full
'1'
TDI_SM memory space half full
'0'
TDI_SM memory space not half full
Using Sequencer
Sequencer active and processing. Bit cleared when sequence complete.
'1'
Sequencer active
'0'
Sequencer inactive
Using Vector<2:0>
Using Vector x designates the vector "x" currently running, where "x" is the vector number, a binary encoding of
bits <2:0>. Only vectors 1 through 4 are valid. Vectors 5 through 7 reserved for future use. Field cleared when
vectors complete.
'000'
No vector active.
'001'
Vector 1 active.
'010'
Vector 2 active.
'011'
Vector 3 active.
'100'
Vector 4 active.
26
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com