| Electronic Components Datasheet Search |
|
PIC16F18346-I/SS Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F18346-I/SS Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 471 page ![]() 2016-2017 Microchip Technology Inc. Preliminary DS40001839B-page 21 PIC16(L)F18326/18346 OUT(2) C1 ― CMOS Comparator C1 output. C2 ― CMOS Comparator C2 output. NCO1 ― CMOS Numerically Controlled Oscillator output. DSM ― CMOS Digital Signal Modulator output. TMR0 ― CMOS Timer0 clock output. CCP1 ― CMOS Capture/Compare/PWM 1 output. CCP2 ― CMOS Capture/Compare/PWM 2 output. CCP3 ― CMOS Capture/Compare/PWM 3 output. CCP4 ― CMOS Capture/Compare/PWM 4 output. PWM5 ― CMOS Pulse-Width Modulator 5 output. PWM6 ― CMOS Pulse-Width Modulator 6 output. CWG1A ― CMOS Complementary Waveform Generator 1 output A. CWG2A ― CMOS Complementary Waveform Generator 2 output A. CWG1B ― CMOS Complementary Waveform Generator 1 output B. CWG2B ― CMOS Complementary Waveform Generator 2 output B. CWG1C ― CMOS Complementary Waveform Generator 1 output C. CWG2C ― CMOS Complementary Waveform Generator 2 output C. CWG1D ― CMOS Complementary Waveform Generator 1 output D. CWG2D ― CMOS Complementary Waveform Generator 2 output D. SDA1(3) I2COD I2C data output. SDA2(3) I2COD I2C data output. SCL1(3) I2COD I2C clock output. SCL2(3) I2COD I2C clock output. SDO1 ― CMOS SPI1 data output. SD02 ― CMOS SPI2 data output. SCK1 ― CMOS SPI1 clock output. SCK2 ― CMOS SPI2 clock output. TX/CK ― CMOS Asynchronous TX data/synchronous clock output. DT ― CMOS EUSART synchronous data output. CLC1OUT ― CMOS Configurable Logic Cell 1 source output. CLC2OUT ― CMOS Configurable Logic Cell 2 source output. CLC3OUT ― CMOS Configurable Logic Cell 3 source output. CLC4OUT ― CMOS Configurable Logic Cell 4 source output. CLKR ― CMOS Clock Reference output. TABLE 1-3: PIC16(L)F18346 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open-Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Default peripheral input. Input can be moved to any other pin with the PPS input selection registers. See Register 13-2. 2: All pin outputs default to PORT latch data. Any pin can be selected as a digital peripheral output with the PPS output selection registers. See Register 13-2. 3: These I2C functions are bidirectional. The output pin selections must be the same as the input pin selections. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |