Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18346-I/SS Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16F18346-I/SS
Description  Full-Featured, 14/20 Low Pin Count Microcontrollers with XLP
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18346-I/SS Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16F18346-I/SS Datasheet HTML 63Page - Microchip Technology PIC16F18346-I/SS Datasheet HTML 64Page - Microchip Technology PIC16F18346-I/SS Datasheet HTML 65Page - Microchip Technology PIC16F18346-I/SS Datasheet HTML 66Page - Microchip Technology PIC16F18346-I/SS Datasheet HTML 67Page - Microchip Technology PIC16F18346-I/SS Datasheet HTML 68Page - Microchip Technology PIC16F18346-I/SS Datasheet HTML 69Page - Microchip Technology PIC16F18346-I/SS Datasheet HTML 70Page - Microchip Technology PIC16F18346-I/SS Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 471 page
background image
 2016-2017 Microchip Technology Inc.
Preliminary
DS40001839B-page 67
PIC16(L)F18326/18346
REGISTER 5-4:
CONFIGURATION WORD 4: CODE PROTECTION
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
bit 13
bit 8
U-1
U-1
U-1
U-1
U-1
U-1
R/P-1
R/P-1
—
—
—
—
—
—CPD
CP
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘1’
‘0’ = Bit is cleared
‘1’ = Bit is set
n = Value when blank or after Bulk Erase
bit 13-2
Unimplemented: Read as ‘1’
bit 1
CPD: Data EEPROM Memory Code Protection bit
1 = OFF Data EEPROM code protection disabled
0 = ON
Data EEPROM code protection enabled
bit 0
CP: Program Memory Code Protection bit
1 = OFF Program Memory code protection disabled
0 = ON
Program Memory code protection enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com