Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ22010TZE/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMZ22010TZE/NOPB
Description  LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ22010TZE/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMZ22010TZE/NOPB Datasheet HTML 10Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 11Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 12Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 13Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 14Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 15Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 16Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 17Page - Texas Instruments LMZ22010TZE/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
1
3
FB
1
Linear
Regulator
2M
2.2 uH
CBST
EN
AGND
Regulator IC
CSS
Internal Passives
VOUT
CINint
COUT
SYNC
EP/
PGND
Comp
CIN
RFBB
SS
VREF
VIN
350 kHz
PWM
RFBT
Filter
SH
LMZ22010
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
7 Detailed Description
7.1 Overview
The architecture used is an internally compensated emulated peak current mode control, based on a monolithic
synchronous SIMPLE SWITCHER core capable of supporting high load currents. The output voltage is
maintained through feedback compared with an internal 0.8-V reference. For emulated peak current-mode, the
valley current is sampled on the down-slope of the inductor current. This is used as the DC value of current to
start the next cycle.
The primary application for emulated peak current-mode is high input voltage to low output voltage operating at a
narrow duty cycle. By sampling the inductor current at the end of the switching cycle and adding an external
ramp, the minimum on-time can be significantly reduced, without the need for blanking or filtering which is
normally required for peak current-mode control.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Synchronization Input
The PWM switching frequency can be synchronized to an external frequency source. The PWM switching will be
in phase with the external frequency source. If this feature is not used, connect this input either directly to
ground, or connect to ground through a resistor of 1.5 k
Ω or less. The allowed synchronization frequency range
is 314 kHz to 600 kHz. The typical input threshold is 1.4 V. Ideally, the input clock must overdrive the threshold
by a factor of 2, so direct drive from 3.3-V logic via a 1.5-k
Ω or less Thevenin source resistance is
recommended.
NOTE
Applying a sustained logic 1 corresponds to zero Hz PWM frequency and will cause the
module to stop switching.
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com